công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVQ163 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện 74LVQ163
Giải thích chi tiết về linh kiện  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ163 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  74LVQ163_04 Datasheet HTML 1Page - STMicroelectronics 74LVQ163_04 Datasheet HTML 2Page - STMicroelectronics 74LVQ163_04 Datasheet HTML 3Page - STMicroelectronics 74LVQ163_04 Datasheet HTML 4Page - STMicroelectronics 74LVQ163_04 Datasheet HTML 5Page - STMicroelectronics 74LVQ163_04 Datasheet HTML 6Page - STMicroelectronics 74LVQ163_04 Datasheet HTML 7Page - STMicroelectronics 74LVQ163_04 Datasheet HTML 8Page - STMicroelectronics 74LVQ163_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
July 2004
s
HIGH SPEED:
fMAX = 180 MHz (TYP.) at VCC = 3.3 V
s
COMPATIBLE WITH TTL OUTPUTS
s
LOW POWER DISSIPATION:
ICC = 4 µA (MAX.) at TA=25°C
s
LOW NOISE:
VOLP = 0.3V (TYP.) at VCC = 3.3V
s
75
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 12mA (MIN) at VCC = 3.0 V
s
PCI BUS LEVELS GUARANTEED AT 24 mA
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 3.6V (1.2V Data Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 163
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The
74LVQ163
is
a
low
voltage
CMOS
SYNCHRONOUS
PRESETTABLE
COUNTER
fabricated
with
sub-micron silicon gate and
double-layer metal wiring C2MOS technology. It is
ideal
for
low
power
and
low
noise
3.3V
applications. It is a 4 bit binary counter with
Synchronous Clear.
The circuit have four fundamental modes of
operation, in order of preference: synchronous
reset, parallel load, count-up and hold. Four
control inputs, Master Reset (CLEAR), Parallel
Enable Input (LOAD), Count Enable Input (PE)
and Count Enable Carry Input (TE), determine the
mode of operation as shown in the Truth Table. A
LOW signal on CLEAR overrides counting and
parallel loading and allows all outputs to go LOW
on the next rising edge of CLOCK. A LOW signal
on
LOAD
overrides
counting
and
allows
information on Parallel Data Qn inputs to be
loaded into the flip-flops on the next rising edge of
CLOCK. With LOAD and CLEAR, PE and TE
permit counting when both are high. Conversely, a
LOW signal on either PE and TE inhibits counting.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74LVQ163
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74LVQ163MTR
TSSOP
74LVQ163TTR
TSSOP
SOP
Rev. 2


Số phần tương tự - 74LVQ163_04

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74LVQ163M STMICROELECTRONICS-74LVQ163M Datasheet
259Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
July 2001
74LVQ163MTR STMICROELECTRONICS-74LVQ163MTR Datasheet
259Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
July 2001
74LVQ163TTR STMICROELECTRONICS-74LVQ163TTR Datasheet
259Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
July 2001
More results

Mô tả tương tự - 74LVQ163_04

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74ACT163 STMICROELECTRONICS-74ACT163 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
74ACT163MTR STMICROELECTRONICS-74ACT163MTR Datasheet
280Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC161 STMICROELECTRONICS-M74HC161 Datasheet
961Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74AC161 STMICROELECTRONICS-74AC161 Datasheet
101Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
M74HC163 STMICROELECTRONICS-M74HC163 Datasheet
898Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC160 STMICROELECTRONICS-M74HC160_01 Datasheet
966Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74ACT161 STMICROELECTRONICS-74ACT161 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
74AC163 STMICROELECTRONICS-74AC163_01 Datasheet
277Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ161 STMICROELECTRONICS-74LVQ161 Datasheet
379Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74ACT161 STMICROELECTRONICS-74ACT161_01 Datasheet
335Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com