công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7840BQ bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD7840BQ
Giải thích chi tiết về linh kiện  LC2MOS Complete 14-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7840BQ bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD7840BQ Datasheet HTML 6Page - Analog Devices AD7840BQ Datasheet HTML 7Page - Analog Devices AD7840BQ Datasheet HTML 8Page - Analog Devices AD7840BQ Datasheet HTML 9Page - Analog Devices AD7840BQ Datasheet HTML 10Page - Analog Devices AD7840BQ Datasheet HTML 11Page - Analog Devices AD7840BQ Datasheet HTML 12Page - Analog Devices AD7840BQ Datasheet HTML 13Page - Analog Devices AD7840BQ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7840
REV. B
–10–
MICROPROCESSOR INTERFACING
The AD7840 logic architecture allows two interfacing options
for interfacing the part to microprocessor systems. It offers a
14-bit wide parallel format and a serial format. Fast pulse
widths and data setup times allow the AD7840 to interface
directly to most microprocessors including the DSP processors.
Suitable interfaces to various microprocessors are shown in
Figures 15 to 23.
Parallel Interfacing
Figures 15 to 17 show interfaces to the DSP processors, the
ADSP-2100, the TMS32010 and TMS32020. An external
timer controls the updating of the AD7840. Data is loaded to
the AD7840 input latch using the following instructions:
ADSP-2100: DM(DAC) = MR0
TMS32010: OUT DAC,D
TMS32020: OUT DAC,D
MR0 = ADSP-2100 MR0 Register
D = Data Memory Address
DAC = AD7840 Address
Figure 15. AD7840–ADSP-2100 Parallel Interface
Figure 16. AD7840–TMS32010 Parallel Interface
Figure 17. AD7840–TMS32020 Parallel Interface
Some applications may require that the updating of the AD7840
DAC latch be controlled by the microprocessor rather than the
external timer. One option (for double-buffered interfacing) is
to decode the AD7840 LDAC from the address bus so that a
write operation to the DAC latch (at a separate address than the
input latch) updates the output. An example of this is shown in
the 8086 interface of Figure 18. Note that connecting the
LDAC
input to the CS input will not load the DAC latch cor-
rectly since both latches cannot he transparent at the same time.
AD7840–8086 Interface
Figure 18 shows an interface between the AD7840 and the 8086
microprocessor. For this interface, the LDAC input is derived
from a decoded address. If the least significant address line, A0,
is decoded then the input latch and the DAC latch can reside at
consecutive addresses. A move instruction loads the input latch
while a second move instruction updates the DAC latch and the
AD7840 output. The move instruction to load a data word
WXYZ to the input latch is as follows:
MOV DAC,#YZWX
DAC = AD7840 Address
Figure 18. AD7840–8086 Parallel Interface


Số phần tương tự - AD7840BQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7840 AD-AD7840_15 Datasheet
339Kb / 16P
   LC MOS Complete 14-Bit DAC
REV. B
More results

Mô tả tương tự - AD7840BQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7845 AD-AD7845 Datasheet
195Kb / 12P
   LC2MOS Complete 12-Bit Multiplying DAC
REV. B
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7535 AD-AD7535 Datasheet
496Kb / 12P
   LC2MOS uP-COMPATIBLE 14-BIT DAC
REV. A
AD7536 AD-AD7536 Datasheet
620Kb / 12P
   LC2MOS 14-BIT uP-COMPATIBLE DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com