công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9991KCP bảng dữ liệu(PDF) 10 Page - Analog Devices |
|
AD9991KCP bảng dữ liệu(HTML) 10 Page - Analog Devices |
10 / 60 page AD9991 –10– PRECISION TIMING HIGH SPEED TIMING GENERATION The AD9991 generates high speed timing signals using the flexible Precision Timing core. This core is the foundation for generating the timing used for both the CCD and the AFE: the reset gate RG, horizontal drivers H1–H4, and the SHP/SHD sample clocks. A unique architecture makes it routine for the system designer to optimize image quality by providing precise control over the horizontal CCD readout and the AFE correlated double sampling. The high speed timing of the AD9991 operates the same in either Master or Slave mode configuration. For more information on synchronization and pipeline delays, see the Power-Up and Syn- chronization section. Timing Resolution The Precision Timing core uses a 1 master clock input (CLI) as a reference. This clock should be the same as the CCD pixel clock frequency. Figure 4 illustrates how the internal timing core divides the master clock period into 48 steps or edge positions. Using a 20 MHz CLI frequency, the edge resolution of the Preci- sion Timing core is 1 ns. If a 1 system clock is not available, it is also possible to use a 2 reference clock by programming the CLIDIVIDE register (Addr 0x30). The AD9991 will then inter- nally divide the CLI frequency by 2. The AD9991 also includes a master clock output, CLO, which is the inverse of CLI. This output is intended to be used as a crystal driver. A crystal can be placed between the CLI and CLO pins to generate the master clock for the AD9991. For more information on using a crystal, see Figure 39. High Speed Clock Programmability Figure 5 shows how the high speed clocks RG, H1–H4, SHP, and SHD are generated. The RG pulse has programmable rising and falling edges, and may be inverted using the polarity control. The horizontal clocks H1 and H3 have programmable rising and fall- ing edges and polarity control. The H2 and H4 clocks are always inverses of H1 and H3, respectively. Table I summarizes the high speed timing registers and their parameters. Figure 6 shows the typical 2-phase H-clock arrangement in which H3 and H4 are programmed for the same edge location as H1 and H2. The edge location registers are six bits wide, but there are only 48 valid edge locations available. Therefore, the register values aremapped into four quadrants, with each quadrant containing NOTES PIXEL CLOCK PERIOD IS DIVIDED INTO 48 POSITIONS, PROVIDING FINE EDGE RESOLUTION FOR HIGH SPEED CLOCKS. THERE IS A FIXED DELAY FROM THE CLI INPUT TO THE INTERNAL PIXEL PERIOD POSITIONS ( tCLIDLY = 6ns TYP). P[0] P[48] = P[0] P[12] P[24] P[36] 1 PIXEL PERIOD CLI tCLIDLY POSITION Figure 4. High Speed Clock Resolution from CLI Master Clock Input H1 H2 CCD SIGNAL RG PROGRAMMABLE CLOCK POSITIONS: 1. RG RISING EDGE 2. RG FALLING EDGE 3. SHP SAMPLE LOCATION 4. SHD SAMPLE LOCATION 5. H1 RISING EDGE POSITION 7. H3 RISING EDGE POSITION H3 H4 3 4 12 56 78 6. H1 FALLING EDGE POSITION (H2 IS INVERSE OF H1) 8. H3 FALLING EDGE POSITION (H4 IS INVERSE OF H3) Figure 5. High Speed Clock Programmable Locations REV. 0 |
Số phần tương tự - AD9991KCP |
|
Mô tả tương tự - AD9991KCP |