công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AAT2856 bảng dữ liệu(PDF) 2 Page - Advanced Analogic Technologies

tên linh kiện AAT2856
Giải thích chi tiết về linh kiện  High Current Charge Pump with Dual LDO for BacklightApplications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANALOGICTECH [Advanced Analogic Technologies]
Trang chủ  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2856 bảng dữ liệu(HTML) 2 Page - Advanced Analogic Technologies

  AAT2856 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2856 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2856 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2856 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2856 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2856 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2856 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2856 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2856 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
AAT2856
High Current Charge Pump with
Dual LDO for BacklightApplications
2
2856.2007.06.1.0
Pin Descriptions
Pin #
Symbol
Description
1
BL3
Backlight LED 3 current sink. BL3 controls the current through backlight LED 3. Connect
the cathode of backlight LED 3 to BL3. If not used, connect BL3 to OUT.
2
BL2
Backlight LED 2 current sink. BL2 controls the current through backlight LED 2. Connect
the cathode of backlight LED 2 to BL2. If not used, connect BL2 to OUT.
3
BL1
Backlight LED 1 current sink. BL1 controls the current through backlight LED 1. Connect
the cathode of backlight LED 1 to BL1. If not used, connect BL1 to OUT.
4, 5, 23, 24
AGND
Analog ground. Connect AGND to PGND at a single point as close to the AAT2856 as
possible.
6
REF
Reference output. Bypass REF to AGND with a 0.1µF or larger ceramic capacitor.
7
FBB
Feedback input for LDO B. FBB measures the output voltage of LDO B. Connect a resistive
voltage divider from the output of LDO B to FBB. FBB feedback regulation voltage is 1.2V.
8
OUTB
LDO B regulated voltage output. OUTB is the voltage output of LDO B. Bypass OUTB to
AGND with a 2.2µF or larger ceramic capacitor as close to the AAT2856 as possible.
9, 18
IN
Power input. Connect IN to the input source voltage. Bypass IN to PGND with a 4.7µF or
larger ceramic capacitor as close to the AAT2856 as possible.
10
FBA
Feedback input for LDO A. FBA measures the output voltage of LDO A. Connect a resistive
voltage divider from the output of LDO A to FBA. FBA feedback regulation voltage is 1.2V.
11
OUTA
LDO A regulated voltage output. OUTA is the voltage output of LDO A. Bypass OUTA to
AGND with a 2.2µF or larger ceramic capacitor as close to the AAT2856 as possible.
12
C1-
Negative node of charge pump capacitor 1. Connect the 1µF charge pump capacitor 1
from C1+ to C1-.
13
C1+
Positive node of charge pump capacitor 1. Connect the 1µF charge pump capacitor 1 from
C1+ to C1-.
14, 21, 22
OUT
Charge pump output; supplies current to the backlight LEDs. Connect the backlight LED
anodes to OUT. Bypass OUT to PGND with a 2.2µF or larger ceramic capacitor as close
to the AAT2856 as possible.
15
ENB
LDO B enable input. ENB turns on or off low dropout regulator B (LDO B). Drive ENB high
to turn on LDO B; drive it low to turn it off.
16
C2+
Positive node of charge pump capacitor 2. Connect the 1µF charge pump capacitor 2 from
C2+ to C2-.
17
C2-
Negative node of charge pump capacitor 2. Connect the 1µF charge pump capacitor 2
from C2+ to C2-.
19
PGND
Power ground. Connect AGND to PGND at a single point as close to the AAT2856 as pos-
sible.
20
ENS
Backlight enable and serial control input. ENS turns the backlight on/off and is the
AS
2Cwire input to serially control the backlightLED brightness.
25
BL6
Backlight LED 6 current sink. BL6 controls the current through backlight LED 6. Connect
the cathode of backlight LED 6 to BL6. If not used, connect BL6 to OUT.
26
BL5
Backlight LED 5 current sink. BL5 controls the current through backlight LED 5. Connect
the cathode of backlight LED 5 to BL5. If not used, connect BL5 to OUT.
27
ENA
LDO A enable input. ENA turns on or off low dropout regulator A (LDO A). Drive ENA high
to turn on LDO A; drive low to turn it off.
28
BL4
Backlight LED 4 current sink. BL4 controls the current through backlight LED 4. Connect
the cathode of backlight LED 4 to BL4. If not used, connect BL4 to OUT.
EP
Exposed paddle (bottom); connect to ground as closely as possible to the device.


Số phần tương tự - AAT2856

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Analogic Techn...
AAT2856 ANALOGICTECH-AAT2856 Datasheet
404Kb / 18P
   High Current Charge Pump with Dual LDO for Backlight Applications
AAT2856INJ-EE-T1 ANALOGICTECH-AAT2856INJ-EE-T1 Datasheet
404Kb / 18P
   High Current Charge Pump with Dual LDO for Backlight Applications
AAT2856 ANALOGICTECH-AAT2856_08 Datasheet
404Kb / 18P
   High Current Charge Pump with Dual LDO for Backlight Applications
More results

Mô tả tương tự - AAT2856

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Analogic Techn...
AAT2856 ANALOGICTECH-AAT2856_08 Datasheet
404Kb / 18P
   High Current Charge Pump with Dual LDO for Backlight Applications
AAT2846 ANALOGICTECH-AAT2846 Datasheet
858Kb / 25P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2846 ANALOGICTECH-AAT2846_08 Datasheet
1Mb / 22P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2842 ANALOGICTECH-AAT2842 Datasheet
627Kb / 21P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2842 ANALOGICTECH-AAT2842_07 Datasheet
727Kb / 22P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT3174 ANALOGICTECH-AAT3174 Datasheet
272Kb / 14P
   High Current, High Efficiency Charge Pump
logo
SiGe Semiconductor, Inc...
AATIAN63 SIGE-AATIAN63 Datasheet
176Kb / 4P
   High Current High Efficiency Charge Pump
logo
Analog Devices
ADP5600 AD-ADP5600 Datasheet
1Mb / 25P
   Interleaved Inverting Charge Pump with Negative LDO Regulator
logo
Advanced Analogic Techn...
AAT3177 ANALOGICTECH-AAT3177 Datasheet
776Kb / 16P
   High Current, High Efficiency Charge Pump with Auto-Timer
AAT3171 ANALOGICTECH-AAT3171 Datasheet
393Kb / 19P
   High Current, High Efficiency Charge Pump with Auto-Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com