công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM806TDS6F bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện STM806TDS6F
Giải thích chi tiết về linh kiện  3V Supervisor with Battery Switchover
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM806TDS6F bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button STM806TDS6F Datasheet HTML 7Page - STMicroelectronics STM806TDS6F Datasheet HTML 8Page - STMicroelectronics STM806TDS6F Datasheet HTML 9Page - STMicroelectronics STM806TDS6F Datasheet HTML 10Page - STMicroelectronics STM806TDS6F Datasheet HTML 11Page - STMicroelectronics STM806TDS6F Datasheet HTML 12Page - STMicroelectronics STM806TDS6F Datasheet HTML 13Page - STMicroelectronics STM806TDS6F Datasheet HTML 14Page - STMicroelectronics STM806TDS6F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11/32
STM690/704/795/802/804/805/806
Power-fail Input/Output (NOT available on STM795)
The Power-fail Input (PFI) is compared to an inter-
nal reference voltage (independent from the VRST
comparator). If PFI is less than the power-fail
threshold (VPFI), the Power-Fail Output (PFO) will
go low. This function is intended for use as an un-
dervoltage detector to signal a failing power sup-
ply. Typically PFI is connected through an external
voltage divider (see Figure 11., page 8) to either
the unregulated DC input (if it is available) or the
regulated output of the VCC regulator. The voltage
divider can be set up such that the voltage at PFI
falls below VPFI several milliseconds before the
regulated VCC input to the STM690/704/795/802/
804/805/806 or the microprocessor drops below
the minimum operating voltage.
During battery back-up, the power-fail comparator
is turned off and PFO goes (or remains) low (see
Figure 14., page 11). This occurs after VCC drops
below VSW (2.4V). When power returns, the pow-
er-fail comparator is enabled and PFO follows PFI.
If the comparator is unused, PFI should be con-
nected to VSS and PFO left unconnected. PFO
may be connected to MR on the STM704/806 so
that a low voltage on PFI will generate a reset out-
put.
Applications Information
These Supervisor circuits are not short-circuit pro-
tected. Shorting VOUT to ground - excluding pow-
er-up transients such as charging a decoupling
capacitor - destroys the device. Decouple both
VCC and VBAT pins to ground by placing 0.1µF ca-
pacitors as close to the device as possible.
Figure 14. Power-fail Comparator Waveform (STM690/704/802/804/805/806)
AI08861a
VCC
VRST
VSW (2.4V)
trec
RST
PFO
PFO follows PFI
PFO follows PFI


Số phần tương tự - STM806TDS6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM806TDS6F STMICROELECTRONICS-STM806TDS6F Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM806TDS6F STMICROELECTRONICS-STM806TDS6F Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
More results

Mô tả tương tự - STM806TDS6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
   3V FIPS-140 Security Supervisor with Battery Switchover
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
   Security Supervisor with Battery Switchover
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
   5V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
   5 V supervisor with battery switchover
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
logo
Micro Analog systems
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
logo
Microchip Technology
MCP79510-IMS MICROCHIP-MCP79510-IMS Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com