công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM806TDS6F bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
STM806TDS6F bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
10 / 32 page STM690/704/795/802/804/805/806 10/32 Chip-Enable Gating (STM795 only) Internal gating of the chip enable (E) signal pre- vents erroneous data from corrupting the external CMOS RAM in the event of an undervoltage con- dition. The STM795 uses a series transmission gate from E to ECON (see Figure 12). During nor- mal operation (reset not asserted), the E transmis- sion gate is enabled and passes all E transitions. When reset is asserted, this path becomes dis- abled, preventing erroneous data from corrupting the CMOS RAM. The short E propagation delay from E to ECON enables the STM795 to be used with most µPs. If E is low when reset asserts, ECON remains low for typically 10µs to permit the current WRITE cycle to complete. Chip Enable Input (STM795 only) The chip-enable transmission gate is disabled and E is high impedance (disabled mode) while reset is asserted. During a power-down sequence when VCC passes the reset threshold, the chip-enable transmission gate disables and E immediately be- comes high impedance if the voltage at E is high. If E is low when reset asserts, the chip-enable transmission gate will disable 10µs after reset as- serts (see Figure 13). This permits the current WRITE cycle to complete during power-down. Any time a reset is generated, the chip-enable transmission gate remains disabled and E remains high impedance (regardless of E activity) for the first half of the reset time-out period (trec/2). When the chip enable transmission gate is enabled, the impedance of E appears as a 40 Ω resistor in se- ries with the load at ECON. The propagation delay through the chip-enable transmission gate de- pends on VCC, the source impedance of the drive connected to E, and the loading on ECON. The chip enable propagation delay is production tested from the 50% point on E to the 50% point on ECON using a 50 Ω driver and a 50pF load capacitance (see Figure 36., page 23). For minimum propaga- tion delay, minimize the capacitive load at ECON and use a low-output impedance driver. Chip Enable Output (STM795 only) When the chip-enable transmission gate is en- abled, the impedance of ECON is equivalent to a 40 Ω resistor in series with the source driving E. In the disabled mode, the transmission gate is off and an active pull-up connects ECON to VOUT (see Figure 12). This pull-up turns off when the trans- mission gate is enabled. Figure 12. Chip-Enable Gating Figure 13. Chip Enable Waveform (STM795) AI08802 VRST VOUT VCC COMPARE ECON trec Generator ECON OUTPUT CONTROL RST E AI08855c RST E VCC VRST VBAT ECON trec trec ½ trec ½ trec 10µs |
Số phần tương tự - STM806TDS6F |
|
Mô tả tương tự - STM806TDS6F |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |