công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM804SM6F bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
STM804SM6F bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
6 / 32 page STM690/704/795/802/804/805/806 6/32 Pin Descriptions MR (Manual Reset). A logic low on /MR asserts the reset output. Reset remains asserted as long as MR is low and for trec after MR returns high. This active-low input has an internal pull-up. It can be driven from a TTL or CMOS logic line, or short- ed to ground with a switch. Leave open if unused. WDI (Watchdog Input). If WDI remains high or low for 1.6sec, the internal watchdog timer runs out and reset is triggered. The internal watchdog timer clears while reset is asserted or when WDI sees a rising or falling edge. The watchdog function cannot be disabled by al- lowing the WDI pin to float. RST (Active-low Reset). Pulses low for trec when triggered, and stays low whenever VCC is below the reset threshold or when MR is a logic low. It remains low for trec after either VCC rises above the reset threshold, the watchdog triggers a reset, or MR goes from low to high. RST (Active-high Reset - Open Drain). Pulses high for trec when triggered, and stays high when- ever VCC is above the reset threshold or when MR is a logic high. It remains high for trec after either VCC falls below the reset threshold, the watchdog triggers a reset, or MR goes from high to low. PFI (Power-fail Input). When PFI is less than VPFI or when VCC falls below VSW (2.4V), PFO goes low; otherwise, PFO remains high. Connect to ground if unused. PFO (Power-fail Output). When PFI is less than VPFI, or VCC falls below VSW, PFO goes low; oth- erwise, PFO remains high. Leave open if unused. VOUT (Supply Output Voltage). When VCC is above the switchover voltage (VSO), VOUT is con- nected to VCC through a P-channel MOSFET switch. When VCC falls below VSO, VBAT connects to VOUT. Connect to VCC if no battery is used. Vccsw (VCC Switch Output). When VOUT switches to battery, Vccsw is high. When VOUT switches back to VCC, Vccsw is low. It can be used to drive gate of external PMOS transistor for IOUT requirements exceeding 75mA. E (Chip Enable Input). The input to the chip-en- able gating circuit. Connect to ground if unused. ECON (Conditional Chip Enable). ECON goes low only when E is low and reset is not asserted. If ECON is low when reset is asserted, ECON will re- main low for 15µs or until E goes high, whichever occurs first. In the disabled mode, ECON is pulled up to VOUT. VBAT (Back-up Battery Input). When VCC falls below VSO, VOUT switches from VCC to VBAT. When VCC rises above VSO + hysteresis, VOUT re- connects to VCC. VBAT may exceed VCC. Connect to VCC if no battery is used. Table 3. Pin Description Pin Name Function STM795 STM690 STM802 STM704 STM806 STM804 STM805 ––6– MR Push-button Reset Input –6–6 WDI Watchdog Input 777– RST Active-Low Reset Output –––7 RST Active-High Reset Output –444 PFI Power-fail Input –555 PFO Power-fail Output 1111 VOUT Supply Output for External LPSRAM 2222 VCC Supply Voltage 3––– Vccsw VCC Switch Output 4333 VSS Ground 5––– E Chip Enable Input 6––– ECON Conditioned Chip Enable Output 8888 VBAT Backup-Battery Input |
Số phần tương tự - STM804SM6F |
|
Mô tả tương tự - STM804SM6F |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |