công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM795RDS6E bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
STM795RDS6E bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
9 / 32 page 9/32 STM690/704/795/802/804/805/806 OPERATION Reset Output The STM690/704/795/802/804/805/806 Supervi- sor asserts a reset signal to the MCU whenever VCC goes below the reset threshold (VRST), a watchdog time-out occurs, or when the Push-but- ton Reset Input (MR) is taken low. RST is guaran- teed to be a logic low (logic high for STM804/805) for 0V < VCC < VRST if VBAT is greater than 1V. Without a back-up battery, RST is guaranteed val- id down to VCC =1V. During power-up, once VCC exceeds the reset threshold an internal timer keeps RST low for the reset time-out period, trec. After this interval RST returns high. If VCC drops below the reset threshold, RST goes low. Each time RST is asserted, it stays low for at least the reset time-out period (trec). Any time VCC goes below the reset threshold the internal timer clears. The reset timer starts when VCC returns above the reset threshold. Push-button Reset Input (STM704/806) A logic low on MR asserts reset. Reset remains asserted while MR is low, and for trec (see Figure 37., page 24) after it returns high. The MR input has an internal 40k Ω pull-up resistor, allowing it to be left open if not used. This input can be driven with TTL/CMOS-logic levels or with open-drain/ collector outputs. Connect a normally open mo- mentary switch from MR to GND to create a man- ual reset function; external debounce circuitry is not required. If MR is driven from long cables or the device is used in a noisy environment, connect a 0.1µF capacitor from MR to GND to provide ad- ditional noise immunity. MR may float, or be tied to VCC when not used. Watchdog Input (NOT available on STM704/ 795/806) The watchdog timer can be used to detect an out- of-control MCU. If the MCU does not toggle the Watchdog Input (WDI) within tWD (1.6sec typ), the reset is asserted. The internal watchdog timer is cleared by either: 1. a reset pulse, or 2. by toggling WDI (high-to-low or low-to-high), which can detect pulses as short as 50ns. If WDI is tied high or low, a reset pulse is triggered every 1.8sec (tWD + trec). The timer remains cleared and does not count for as long as reset is asserted. As soon as reset is re- leased, the timer starts counting (see Figure 38., page 24). Note: Input frequency greater than 20ns (50MHz) will be filtered. Back-up Battery Switchover In the event of a power failure, it may be necessary to preserve the contents of external SRAM through VOUT. With a backup battery installed with voltage VBAT, the devices automatically switch the SRAM to the back-up supply when VCC falls. Note: If back-up battery is not used, connect both VBAT and VOUT to VCC. This family of Supervisors does not always con- nect VBAT to VOUT when VBAT is greater than VCC. VBAT connects to VOUT (through a 100Ω switch) when VCC is below VSW (2.4V) or VBAT (whichever is lower). This is done to allow the back-up battery (e.g., a 3.6V lithium cell) to have a higher voltage than VCC. Assuming that VBAT > 2.0V, switchover at VSO en- sures that battery back-up mode is entered before VOUT gets too close to the 2.0V minimum required to reliably retain data in most external SRAMs. When VCC recovers, hysteresis is used to avoid oscillation around the VSO point. VOUT is connect- ed to VCC through a 3Ω PMOS power switch. Note: The back-up battery may be removed while VCC is valid, assuming VBAT is adequately decou- pled (0.1µF typ), without danger of triggering a re- set. Table 4. I/O Status in Battery Back-up Pin Status VOUT Connected to VBAT through internal switch VCC Disconnected from VOUT PFI Disabled PFO Logic Low E High impedance ECON Logic High WDI Watchdog timer is disabled MR Disabled RST Logic Low RST Logic High VBAT Connected to VOUT Vccsw Logic High (STM795) |
Số phần tương tự - STM795RDS6E |
|
Mô tả tương tự - STM795RDS6E |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |