công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STG3690 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STG3690
Giải thích chi tiết về linh kiện  LOW VOLTAGE 5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3690 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STG3690_05 Datasheet HTML 1Page - STMicroelectronics STG3690_05 Datasheet HTML 2Page - STMicroelectronics STG3690_05 Datasheet HTML 3Page - STMicroelectronics STG3690_05 Datasheet HTML 4Page - STMicroelectronics STG3690_05 Datasheet HTML 5Page - STMicroelectronics STG3690_05 Datasheet HTML 6Page - STMicroelectronics STG3690_05 Datasheet HTML 7Page - STMicroelectronics STG3690_05 Datasheet HTML 8Page - STMicroelectronics STG3690_05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
July 2005
I
HIGH SPEED:
tPD = 0.3ns (TYP.) at VCC = 3.0V
tPD = 0.4ns (TYP.) at VCC = 2.3V
I
ULTRA LOW POWER DISSIPATION:
ICC = 0.2µA (MAX.) at TA = 85°C
I
LOW "ON" RESISTANCE VIN=0V:
RON = 1.7Ω (MAX. TA = 25°C) at VCC = 2.7V
RON = 2.0Ω (MAX. TA = 25°C) at VCC = 2.3V
RON = 3.2Ω (MAX. TA = 25°C) at VCC = 1.8V
I
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 1.65V to 3.6V SINGLE SUPPLY
I
3.6V TOLERANT AND 1.8V COMPATIBLE
THRESHOLD ON DIGITAL CONTROL INPUT
at VCC = 2.3 to 3.0V
I
LATCH-UP PERFORMANCE EXCEEDS
300mA (JESD 17)
I
ESD PERFORM. (ANALOG CHAN. vs GND):
HBM > 7KV (MIL STD 883 method 3015)
DESCRIPTION
The STG3690 is an high-speed CMOS LOW
VOLTAGE QUAD ANALOG S.P.D.T. (Single Pole
Dual
Throw)
SWITCH
or
2:1
Multiplexer/
Demultiplexer Switch fabricated in silicon gate
C2MOS technology. It is designed to operate from
1.65V to 3.6V, making this device ideal for
portable applications.
It offers very
low
ON-Resistance
(<5
) at
VCC=3.0V. The nIN inputs are provided to control
the switches. The switches nS1 are ON (they are
connected to common Ports Dn) when the nIN
input is held high and OFF (high impedance state
exists between the two ports) when nIN is held
low; the switches nS2 are ON (they are connected
to common Ports Dn) when the nIN input is held
low and OFF (high impedance state exists
between the two ports) when IN is held high.
Additional key features are fast switching speed,
Break Before Make Delay Time and Ultra Low
Power Consumption. All inputs and outputs are
equipped with protection circuits against static
discharge,
giving
them
ESD
immunity
and
transient excess voltage. It’s available in the
commercial temperature range in TSSOP and
QFN3x3mm package.
STG3690
LOW VOLTAGE 5
Ω MAX QUAD SPDT SWITCH
WITH BREAK BEFORE MAKE FEATURE
Figure 1: Pin Connection
Table 1: Order Codes
PACKAGE
T & R
TSSOP
STG3690TTR
QFN
STG3690QTR
QFN
TSSOP
Rev. 3


Số phần tương tự - STG3690_05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STG3690QTR STMICROELECTRONICS-STG3690QTR Datasheet
171Kb / 11P
   LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3690TTR STMICROELECTRONICS-STG3690TTR Datasheet
171Kb / 11P
   LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
More results

Mô tả tương tự - STG3690_05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699A STMICROELECTRONICS-STG3699A_06 Datasheet
523Kb / 14P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
STG3699B STMICROELECTRONICS-STG3699B_07 Datasheet
259Kb / 18P
   Low voltage 0.5 廓 max, quad SPDT switch with break-before-make feature
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
   Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
   LOW VOLTAGE 0.5??MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
   LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699A STMICROELECTRONICS-STG3699A Datasheet
525Kb / 11P
   LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
   LOW VOLTAGE 0.5廓 MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3159 STMICROELECTRONICS-STG3159 Datasheet
386Kb / 18P
   Low voltage 1廓 max single SPDT switch with break-before-make feature
STG3689 STMICROELECTRONICS-STG3689 Datasheet
200Kb / 16P
   Low Voltage 0.9廓 max dual SPDT Switch with break-before-make feature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com