công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08GT16CMC bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08GT16CMC
Giải thích chi tiết về linh kiện  Microcontrollers
Download  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08GT16CMC bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC9S08GT16CMC Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08GT16CMC Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08GT16CMC Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08GT16CMC Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08GT16CMC Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08GT16CMC Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08GT16CMC Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08GT16CMC Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08GT16CMC Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 290 page
background image
MC9S08GB/GT Data Sheet, Rev. 2.3
10
Freescale Semiconductor
Section Number
Title
Page
Chapter 7
Internal Clock Generator (ICG) Module
7.1
Introduction .....................................................................................................................................99
7.1.1
Features ..........................................................................................................................100
7.1.2
Modes of Operation .......................................................................................................101
7.2
External Signal Description ..........................................................................................................101
7.2.1
Overview ........................................................................................................................101
7.2.2
Detailed Signal Descriptions .........................................................................................102
7.2.2.1
EXTAL— External Reference Clock / Oscillator Input ...............................102
7.2.2.2
XTAL— Oscillator Output ...........................................................................102
7.2.3
External Clock Connections ..........................................................................................102
7.2.4
External Crystal/Resonator Connections .......................................................................102
7.3
Functional Description ..................................................................................................................103
7.3.1
Off Mode (Off) ..............................................................................................................103
7.3.1.1
BDM Active .................................................................................................103
7.3.1.2
OSCSTEN Bit Set .........................................................................................103
7.3.1.3
Stop/Off Mode Recovery ..............................................................................104
7.3.2
Self-Clocked Mode (SCM) ............................................................................................104
7.3.3
FLL Engaged, Internal Clock (FEI) Mode ....................................................................105
7.3.3.1
FLL Engaged Internal Unlocked ..................................................................105
7.3.3.2
FLL Engaged Internal Locked ......................................................................106
7.3.4
FLL Bypassed, External Clock (FBE) Mode ................................................................106
7.3.5
FLL Engaged, External Clock (FEE) Mode ..................................................................106
7.3.5.1
FLL Engaged External Unlocked .................................................................106
7.3.5.2
FLL Engaged External Locked .....................................................................107
7.3.6
FLL Lock and Loss-of-Lock Detection .........................................................................107
7.3.7
FLL Loss-of-Clock Detection ........................................................................................107
7.3.8
Clock Mode Requirements ............................................................................................108
7.3.9
Fixed Frequency Clock ..................................................................................................109
7.4
Initialization/Application Information ..........................................................................................110
7.4.1
Introduction ....................................................................................................................110
7.4.2
Example #1: External Crystal = 32 kHz, Bus Frequency = 4.19 MHz .........................112
7.4.3
Example #2: External Crystal = 4 MHz, Bus Frequency = 20 MHz ............................113
7.4.4
Example #3: No External Crystal Connection, 5.4 MHz Bus Frequency .....................114
7.4.5
Example #4: Internal Clock Generator Trim .................................................................116
7.5
ICG Registers and Control Bits .....................................................................................................117
7.5.1
ICG Control Register 1 (ICGC1) ......................................................................118
7.5.2
ICG Control Register 2 (ICGC2) ......................................................................119
7.5.3
ICG Status Register 1 (ICGS1) .................................................................................120
7.5.4
ICG Status Register 2 (ICGS2) ........................................................................122
7.5.5
ICG Filter Registers (ICGFLTU, ICGFLTL) .......................................................122
7.5.6
ICG Trim Register (ICGTRM) ...........................................................................123


Số phần tương tự - MC9S08GT16CMC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC9S08GT16 MOTOROLA-MC9S08GT16 Datasheet
1Mb / 290P
   Microcontrollers
logo
Freescale Semiconductor...
MC9S08GT16 FREESCALE-MC9S08GT16 Datasheet
75Kb / 4P
   Addendum
MC9S08GT16A FREESCALE-MC9S08GT16A Datasheet
1Mb / 300P
   Microcontrollers
MC9S08GT16A FREESCALE-MC9S08GT16A Datasheet
1Mb / 300P
   Microcontrollers
MC9S08GT16A FREESCALE-MC9S08GT16A Datasheet
1Mb / 300P
   MC9S08GT16A/GT8A Features
More results

Mô tả tương tự - MC9S08GT16CMC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com