công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100EPT20 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC100EPT20
Giải thích chi tiết về linh kiện  Clock Management Design Using Low Skew and Low Jitter Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT20 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC100EPT20 Datasheet HTML 1Page - ON Semiconductor MC100EPT20 Datasheet HTML 2Page - ON Semiconductor MC100EPT20 Datasheet HTML 3Page - ON Semiconductor MC100EPT20 Datasheet HTML 4Page - ON Semiconductor MC100EPT20 Datasheet HTML 5Page - ON Semiconductor MC100EPT20 Datasheet HTML 6Page - ON Semiconductor MC100EPT20 Datasheet HTML 7Page - ON Semiconductor MC100EPT20 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TND301
http://onsemi.com
4
The Building Blocks
Clock Generator
The Clock Generator uses a Phase Locked Loop (PLL)
circuit to generate the Master Clock (see Figure 5). A Crystal
Oscillator Circuit generates a low phase noise signal that is
received by a phase detector. The phase detector compares the
phase of the crystal oscillator with the output of the Divide by
N counter. If both phases are the same, the circuit is in LOCK
and a small output pulse from the phase detector is averaged
by the Loop Filter. The Loop Filter outputs a voltage to the
VCO which defines the Master Clock frequency. The Divide
by N counter can be programmed to increase or decrease the
Master Clock frequency. The Master Clock is equal to the
Crystal Oscillator frequency times the value N. This is why a
PLL is sometimes called a frequency multiplier. The PLL is a
feedback circuit; if the Master Clock begins to drift away, the
shift in phase will be discovered by the Phase Detector The
Phase Detector will then generate a wider output pulse which
will be averaged by the Loop Filter and this new value will
push the VCO back in the right direction.
Crystal
Oscillator
Circuit
Loop Filter
Phase
Detector
VCO
Voltage Controlled
Oscillator
Divide by N
Master
Clock
Control Input
MC100EP40
MC100EP140
MC100EL1648
NBC12429
NBC12430
MC100EP32
MC100EP33
MC100LVEP34
MC100EP139
MC100EP016
Figure 5. Clock Generation Using Phase Locked Loop Circuit
Clock Distribution
Clock Distribution circuits receive a single differential
input and “fan out” multiple outputs with minimum skew
(see Figure 6).
Figure 6. Clock Distribution Using 1:N
Clock Driver Circuit
1
2
1
N
1:2
Dual 1:3
1:4
1:5
Dual 1:5
1:6
1:10
1:15
MC100EL11
MC100EL13
MC100EL15
MC100EL14
MC100LVEP210
MC100E211
MC100LVEP111
MC100LVE222
MC100LVEL11
MC100LVEL13
MC100LVEL14
MC100EP11
MC100EP14
MC100LVEP11
MC100LVEP14


Số phần tương tự - MC100EPT20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100EPT20D ONSEMI-MC100EPT20D Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC100EPT20D ONSEMI-MC100EPT20D Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100EPT20D ONSEMI-MC100EPT20D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
More results

Mô tả tương tự - MC100EPT20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SpectraLinear Inc
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Integrated Circuit Syst...
ICS548-03 ICST-ICS548-03 Datasheet
75Kb / 4P
   Low Skew Clock Inverter and Divider
logo
Integrated Device Techn...
ICS548A-03 IDT-ICS548A-03 Datasheet
187Kb / 7P
   LOW SKEW CLOCK INVERTER AND DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com