công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100EP33 bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MC100EP33
Giải thích chi tiết về linh kiện  Clock Management Design Using Low Skew and Low Jitter Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP33 bảng dữ liệu(HTML) 7 Page - ON Semiconductor

  MC100EP33 Datasheet HTML 1Page - ON Semiconductor MC100EP33 Datasheet HTML 2Page - ON Semiconductor MC100EP33 Datasheet HTML 3Page - ON Semiconductor MC100EP33 Datasheet HTML 4Page - ON Semiconductor MC100EP33 Datasheet HTML 5Page - ON Semiconductor MC100EP33 Datasheet HTML 6Page - ON Semiconductor MC100EP33 Datasheet HTML 7Page - ON Semiconductor MC100EP33 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TND301
http://onsemi.com
7
The Challenges: We Have a Better Solution
Clock Management systems require the clocks to have low
jitter and low skew. ECL logic provides less jitter and skew
with a higher operating frequency than other technologies.
ECL logic technology offers a number of advantages over
CMOS, LVDS, and TTL in reducing clock errors caused by
jitter and skew. ECL devices have 1 ps jitter and 25 ps skew
compared to 15 ps jitter and 100 ps skew for LVDS and CMOS
devices. (See Figure 11 and Figure 12). The frequency of ECL
logic is 3 Ghz maximum frequency compared to 300 Mhz
maximum frequency for LVDS and CMOS logic (see Figure
13). The rise and fall times of clock signals is very critical for
edge placement. ECL logic provides rise and fall times of 100
ps compared to rise and fall times of 800 ps for LVDS and
CMOS logic (see Figure 14).
ECL logic technologies offer a number of advantages for
reducing the noise due to crosstalk and signal mismatch on the
backplane over CMOS, LVDS, and TTL technologies. ECL
signals are differential signals and can be individually
terminated to match the transmission impedance of the
backplane ECL signals have adequate current (50 mA) to drive
a backplane and can deliver signals with maximum frequencies
of 3 Ghz. ECL peak–to–peak output signals of 800 mV provide
a good signal–to–noise ratio and excellent EMI characteristics.
100
10
1
1000
100
2002
5
0
Figure 11. Standard I/O rms Jitter
Figure 12. Standard I/O Skew
45
40
35
30
25
20
15
10
0
Figure 13. Standard I/O Fmax
Figure 14. Standard Rise/Fall Time
Comparisons
25
1000
10
1
10000
ECL
10
15
20
2003
2001
2000
LVDS
CMOS
2002
2003
2001
2000
ECL
LVDS
CMOS
2002
2003
2001
2000
5
2002
2003
2001
2000
ECL
LVDS
CMOS
ECL/PECL
LVDS
CMOS


Số phần tương tự - MC100EP33

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EP33 ONSEMI-MC100EP33 Datasheet
79Kb / 12P
   3.3V 5VECL / 4 Divider
September, 2002 ??Rev. 5
MC100EP33 ONSEMI-MC100EP33 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC100EP33D ONSEMI-MC100EP33D Datasheet
79Kb / 12P
   3.3V 5VECL / 4 Divider
September, 2002 ??Rev. 5
MC100EP33D ONSEMI-MC100EP33D Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC100EP33D ONSEMI-MC100EP33D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
More results

Mô tả tương tự - MC100EP33

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SpectraLinear Inc
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Integrated Circuit Syst...
ICS548-03 ICST-ICS548-03 Datasheet
75Kb / 4P
   Low Skew Clock Inverter and Divider
logo
Integrated Device Techn...
ICS548A-03 IDT-ICS548A-03 Datasheet
187Kb / 7P
   LOW SKEW CLOCK INVERTER AND DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com