công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC33368 bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
MC33368 bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
2 / 6 page Page 2 Power Conversion Solutions Power Conversion Solutions from ON Semiconductor ON Your Way to Designing Efficient Power Supplies. . . Designing world-class power supplies is getting harder. Every year, your customers demand more power from a smaller space at a lower cost. In addition, new regulations are imposing increasingly stringent requirements on power conversion efficiency, quality, and standby consumption. ON Semiconductor provides a diverse portfolio of power management solutions to meet the needs of designers worldwide. Our products help you produce more power in a smaller footprint while meeting power consumption specifications such as Energy Star® and Blue Angel*, and PFC requirements such as IEC1000-3-2. ON Semiconductor covers the complete power chain, from industrial power supplies to consumer applications such as DVD players, set top boxes, computers, laptops and cell phones. SPICE Models Available ON Semiconductor offers full power solutions with dedicated SPICE models implemented in a working template. Both transient simulations and small-signal analysis help you test your design quickly and safely - before you get out the soldering iron. In partnership with Intusoft®, our free demonstration kit lets you simulate working applications from wall adapters to multi-output power supplies. Individual models are available online at: http://www.onsemi.com/support/models/powermanagement Or order the SPICE Simulation CDROM at: http://www.onsemi.com/orderlit Winning Feature Set ON Semiconductor offers a wide variety of controllers with features to fit your application: ~ Fixed frequency current or voltage mode topologies ~ Variable-frequency Quasi-Resonant (QR) and resonant mode architectures for higher efficiency and better EMI ~ Skip cycle, Soft-Skip™ or frequency foldback circuits for excellent standby performance ~ Fixed on-time/variable off-time switching for low power applications ~ Hysteretic-type control for ease of implementation ~ Comprehensive protection and safety options Simulated Measured Reach the Minimum. . . Complying with existing and future energy conversion regulations can be challenging. Power controllers and switching regulators from ON Semi-conductor minimize standby power consumption and maximize power conversion efficiency. For example, a 70 W power supply reference design built with the NCP1203 has been shown to consume only 86 mW at no-load conditions — the best performance in its class. For two consecutive years, ON Semiconductor has been the only chip manufacturer recognized by the China Standard Certification Center (CSC, formerly the CECP) to support China’s drive for standby power reduction and energy conservation. We are participating in European Commission (EC) work groups developing a Code of Conduct to help reduce standby losses in a wide range of consumer equipment. High Voltage Technology Very High Voltage Integrated Circuit Technology (VHVIC): ~ High speed and high accuracy control with high voltage switching on a single die ~ Power switching devices scalable from 200 Volts to over 1000 Volts ~ High density logic for intelligent feature- set products ~ Medium voltage analog from 10 Volts to 60 Volts for off-line connection and direct power switch drive If you want to design a Power Supply. . . Go to page 3 Go to page 6 CTRL + MOS REGULATOR |
Số phần tương tự - MC33368 |
|
Mô tả tương tự - MC33368 |