công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC9S12DT128 bảng dữ liệu(PDF) 2 Page - Freescale Semiconductor, Inc |
|
MC9S12DT128 bảng dữ liệu(HTML) 2 Page - Freescale Semiconductor, Inc |
2 / 14 page MC9S 2 PRODUCT PROPOSAL, Rev 6.1, 23-Oct-02 • Analog-to-Digital Converters — One or two 8-channel modules with 10-bit resolution depending on the package option — External conversion trigger capability • Up to five 1M bit per second, CAN 2.0 A, B software compatible modules — Five receive and three transmit buffers — Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8 x 8 bit — Four separate interrupt channels for Receive, Transmit, Error and Wake-up — Low-pass filter wake-up function in STOP mode — Loop-back for self test operation • Enhanced Capture Timer (ECT) — 16-bit main counter with 7-bit prescaler — 8 programmable input capture or output compare channels; 4 of the 8 input captures with buffer — Input capture filters and buffers, three successive captures on four channels, or two captures on four channels with a capture/compare selectable on the remaining four — Four 8-bit or two 16-bit pulse accumulators — 16-bit modulus down-counter with 4-bit prescaler — Four user-selectable delay counters for signal filtering • 8 PWM channels with programmable period and duty cycle (7 channels on 80 Pin Packages) — 8-bit, 8-channel or 16-bit, 4-channel — Separate control for each pulse width and duty cycle — Center- or left-aligned outputs — Programmable clock select logic with a wide range of frequencies • Serial interfaces — Two asynchronous serial communications interfaces (SCI) — Up to three synchronous serial peripheral interfaces (SPI) — IIC • SAE J1850 Compatible Module (BDLC) — 10.4 kbps Variable Pulse Width format — Byte level receive and transmit — 4x receive mode supported • SIM (System Integration Module) — CRG (windowed COP watchdog, real time interrupt, clock monitor, clock generation and reset) — MEBI (multiplexed external bus interface) — INT (interrupt control) • Clock generation — Phase-locked loop clock frequency multiplier — Limp home mode in absence of external clock — Clock Monitor — Low power 0.5 to 16 MHz crystal oscillator reference clock • Operating frequency for ambient temperatures TA -40°C <= TA <= 125°C — 50MHz equivalent to 25MHz Bus Speed for single chip 40MHz equivalent to 20MHz Bus Speed in expanded bus modes. • Internal 5V to 2.5V Regulator • 112-Pin LQFP or 80-Pin QFP package — I/O lines with 5V input and drive capability — 5V A/D converter inputs and 5V I/O — 2.5V logic supply • Development support — Single-wire background debug™ mode (BDM) — On-chip hardware breakpoints Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
Số phần tương tự - MC9S12DT128 |
|
Mô tả tương tự - MC9S12DT128 |