công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM2520EJ-ID5V bảng dữ liệu(PDF) 2 Page - Kingbright Corporation |
|
AM2520EJ-ID5V bảng dữ liệu(HTML) 2 Page - Kingbright Corporation |
2 / 4 page SPEC NO: DSAD1631 REV NO: V.6 DATE: MAY/25/2007 PAGE: 2 OF 4 APPROVED: WYNEC CHECKED: Allen Liu DRAWN: Y.L.LI ERP: 1102000025 Selection Guide Notes: 1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%. Absolute Maximum Ratings at TA=25°C Electrical / Optical Characteristics at TA=25°C Note: 1.Wavelength: +/-1nm. Notes: 1. 2mm below package base. 2. 5mm below package base. Part No. Dice Lens Type Viewing Angle [1] Min. Typ. 2θ1/2 AM2520EJ/ID5V High Efficiency Red (GaAsP/GaP) RED DIFFUSED 1.8 8 40 ° Iv (mcd) [2] V= 5V Symbol Parameter Device Typ. Max. Units Test Conditions λpeak Peak Wavelength High Efficiency Red 627 nm VF=5V λD [1] Dominant Wavelength High Efficiency Red 625 nm VF=5V Δλ1/2 Spectral Line Half-width High Efficiency Red 45 nm VF=5V IF Forward Current High Efficiency Red 13 17.5 mA VF=5V IR Reverse Current High Efficiency Red 10 uA VR = 5V Parameter High Efficiency Red Units Power dissipation 85 mW Forward Voltage 6 V Reverse Voltage 5 V Operating Temperature -40°C To +70°C Storage Temperature -40°C To +85°C Lead Solder Temperature [1] 260°C For 3 Seconds Lead Solder Temperature [2] 260°C For 5 Seconds |
Số phần tương tự - AM2520EJ-ID5V |
|
Mô tả tương tự - AM2520EJ-ID5V |