công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ABT652ANTE4 bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
SN74ABT652ANTE4 bảng dữ liệu(HTML) 8 Page - Texas Instruments |
8 / 23 page SN54ABT652A, SN74ABT652A OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS072F – JANUARY 1991 – REVISED MAY 1997 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timing requirements over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 2) SN54ABT652A VCC = 5 V, TA = 25°C MIN MAX UNIT MIN MAX fclock Clock frequency 0 125 0 125 MHz tw Pulse duration, CLK high or low 4 4 ns tsu Setup time, A or B before CLKAB ↑ or CLKBA↑ 3 3.5 ns th Hold time, A or B after CLKAB ↑ or CLKBA↑ 1.5 1.5 ns timing requirements over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 2) SN74ABT652A VCC = 5 V, TA = 25°C MIN MAX UNIT MIN MAX fclock Clock frequency 0 125 0 125 MHz tw Pulse duration, CLK high or low 4 4 ns tsu Setup time, A or B before CLKAB ↑ or CLKBA↑ 3 3 ns th Hold time, A or B after CLKAB ↑ or CLKBA↑ 0 0 ns |
Số phần tương tự - SN74ABT652ANTE4 |
|
Mô tả tương tự - SN74ABT652ANTE4 |