công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ABT652ANT bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
SN74ABT652ANT bảng dữ liệu(HTML) 9 Page - Texas Instruments |
9 / 23 page SN54ABT652A, SN74ABT652A OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS072F – JANUARY 1991 – REVISED MAY 1997 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended ranges of supply voltage and operating free-air temperature, CL = 50 pF (unless otherwise noted) (see Figure 2) SN54ABT652A PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, TA = 25°C MIN MAX UNIT MIN TYP MAX fmax 125 200 125 MHz tPLH CLK BorA 2.2 4 5.1 1.7 5.9 ns tPHL CLK B or A 1.7 4 5.1 1.7 5.9 ns tPLH AorB BorA 1.5 3 4.8 1 5 ns tPHL A or B B or A 1.5 3.3 4.6 1 5.6 ns tPLH SAB or SBA† BorA 1.5 4 5.5 1.5 6.8 ns tPHL SAB or SBA† B or A 1.5 3.6 4.9 1.5 6.2 ns tPZH OEBA A 2 3.6 5.4 2 6.8 ns tPZL OEBA A 3 5.7 7.7 3 9.2 ns tPHZ OEBA A 1.5 3.2 5.8 1 7.5 ns tPLZ OEBA A 1.5 3 4.3 1 4.6 ns tPZH OEAB B 2 4.3 6.1 2 7.8 ns tPZL OEAB B 3 5.5 7.4 3 8.9 ns tPHZ OEAB B 1.5 3.3 6 1 8 ns tPLZ OEAB B 1.5 3.4 5 1.5 6.8 ns † These parameters are measured with the internal output state of the storage register opposite that of the bus input. switching characteristics over recommended ranges of supply voltage and operating free-air temperature, CL = 50 pF (unless otherwise noted) (see Figure 2) SN74ABT652A PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, TA = 25°C MIN MAX UNIT MIN TYP MAX fmax 125 200 125 MHz tPLH CLK BorA 2.2 4 5.1 2.2 5.6 ns tPHL CLK B or A 1.7 4 5.1 1.7 5.6 ns tPLH AorB BorA 1.5 3 4.3 1.5 4.8 ns tPHL A or B B or A 1.5 3.3 4.6 1.5 5.4 ns tPLH SAB or SBA† BorA 1.5 4 5.1 1.5 6.5 ns tPHL SAB or SBA† B or A 1.5 3.6 4.9 1.5 5.9 ns tPZH OEBA A 2 3.6 4.6 2 5.8 ns tPZL OEBA A 3 5.7 6.8 3 8.5 ns tPHZ OEBA A 1.5 3.2 4.5 1.5 5 ns tPLZ OEBA A 1.5 3 3.8 1.5 4.1 ns tPZH OEAB B 2 4.3 6.1 2 6.5 ns tPZL OEAB B 3 5.5 6.5 3 7.4 ns tPHZ OEAB B 1.5 3.3 4.5 1.5 5.5 ns tPLZ OEAB B 1.5 3.4 4.4 1.5 5.1 ns † These parameters are measured with the internal output state of the storage register opposite that of the bus input. |
Số phần tương tự - SN74ABT652ANT |
|
Mô tả tương tự - SN74ABT652ANT |