công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM65MLVD202AD bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện SM65MLVD202AD
Giải thích chi tiết về linh kiện  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SM65MLVD202AD bảng dữ liệu(HTML) 2 Page - Texas Instruments

  SM65MLVD202AD Datasheet HTML 1Page - Texas Instruments SM65MLVD202AD Datasheet HTML 2Page - Texas Instruments SM65MLVD202AD Datasheet HTML 3Page - Texas Instruments SM65MLVD202AD Datasheet HTML 4Page - Texas Instruments SM65MLVD202AD Datasheet HTML 5Page - Texas Instruments SM65MLVD202AD Datasheet HTML 6Page - Texas Instruments SM65MLVD202AD Datasheet HTML 7Page - Texas Instruments SM65MLVD202AD Datasheet HTML 8Page - Texas Instruments SM65MLVD202AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
www.ti.com
4
3
1
2
DE
D
RE
R
6
7
A
B
LOGIC DIAGRAM (POSITIVE LOGIC)
5
4
2
3
DE
D
RE
R
12
11
A
B
10
9
Y
Z
SN65MLVD202A, SN65MLVD205A
SN65MLVD200A, SN65MLVD204A
PACKAGE DISSIPATION RATINGS
ABSOLUTE MAXIMUM RATINGS
SN65MLVD200A, SN65MLVD202A
SN65MLVD204A, SN65MLVD205A
SLLS573 – DECEMBER 2003
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PART NUMBER(1)
FOOTPRINT
RECEIVER TYPE
PACKAGE MARKING
SN65MLVD200AD
SN75176
Type 1
MF200A
SM65MLVD202AD
SN75ALS180
Type 1
MLVD202A
SN65MLVD204AD
SN75176
Type 2
MF204A
SM65MLVD205AD
SN75ALS180
Type 2
MLVD205A
(1)
Available tape and reeled. To order a tape and reeled part, add the suffix R to the part number (e.g., SN65MLVD200ADR).
TA ≤ 25°C
DERATING FACTOR
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
D(8)
532 mW
4.6 mW/
°C
254 mW
D(14)
940 mW
8.2 mW/
°C
450 mw
over operating free-air temperature range unless otherwise noted(1)
SN65MLVD200A,
202A, 204A, and 205A
Supply voltage range(2), VCC
–0.5 V to 4 V
D, DE, RE
–0.5 V to 4 V
Input voltage range
A, B (200A, 204A)
–1.8 V to 4 V
A, B (202A, 205A)
–4 V to 6 V
R
–0.3 V to 4 V
Output voltage range
Y, Z, A, or B
–1.8 V to 4 V
A, B, Y, and Z
±8 kV
Human Body Model(3)
Electrostatic discharge
All pins
±4 kV
Charged-Device Model(4)
All pins
±1500 V
Continuous power dissipation
See Dissipation Rating Table
Storage temperature range
–65
°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101.
2
Submit Documentation Feedback


Số phần tương tự - SM65MLVD202AD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM65MLVD202AD TI-SM65MLVD202AD Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results

Mô tả tương tự - SM65MLVD202AD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Texas Instruments
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com