công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCR18 bảng dữ liệu(PDF) 2 Page - Rohm

tên linh kiện MCR18
Giải thích chi tiết về linh kiện  Thick film rectangular
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

MCR18 bảng dữ liệu(HTML) 2 Page - Rohm

  MCR18 Datasheet HTML 1Page - Rohm MCR18 Datasheet HTML 2Page - Rohm MCR18 Datasheet HTML 3Page - Rohm MCR18 Datasheet HTML 4Page - Rohm MCR18 Datasheet HTML 5Page - Rohm MCR18 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MCR18
Resistors
Rev.C
2/5
Max. 50m
2A
−55°C to +155°C
Resistance
Rated current
Operating temperature
Jumper type
Before using components in circuits where they will be exposed to transients such as pulse loads (short–duration, high–level loads), be certain to evaluate the
component in the mounted state. In addition, the reliability and performance of this component cannot be guaranteed if it is used with a steady state voltage that
is greater than its rated voltage.
Characteristics
Item
Test conditions (JIS C 5201-1)
Resistor type
Guaranteed value
Jumper type
Resistance
Variation of resistance
with temperature
Solderability
Damp heat, steady state
Endurance at 70
°C
Endurance
Rapid change of
temperature
Bend strength of
the end face plating
Resistance to solvent
Resistance to
soldering heat
Overload
± (2.0%+0.1Ω)
Max. 50m
± (1.0%+0.05Ω)
± (3.0%+0.1Ω)
Max. 50m
Max. 100m
J :
±5%
F :
±1%
See Table.1
No remarkable abnormality on the appearance.
A new uniform coating of minimum of
95% of the surface being immersed
and no soldering damage.
Without mechanical damage such as breaks.
Max. 50m
JIS C 5201-1 4.5
JIS C 5201-1 4.8
Measurement :
−55 / +25 / +125°C
JIS C 5201-1 4.18
Soldering condition : 260
±5°C
Duration of immersion : 10
±1s.
JIS C 5201-1 4.24
40
°C, 93%RH
Test time : 1,000h to 1,048h
± (3.0%+0.1Ω)
± (3.0%+0.1Ω)
± (1.0%+0.05Ω)
± (1.0%+0.05Ω)
± (1.0%+0.05Ω)
Max. 100m
Max. 100m
Max. 50m
Max. 50m
Max. 50m
JIS C 5201-1 4.25.1
Rated voltage (current), 70
°C
1.5h : ON
− 0.5h : OFF
Test time : 1,000h to 1,048h
JIS C 5201-1 4.25.3
155
°C
Test time : 1,000h to 1,048h
JIS C 5201-1 4.29
23
±5°C, Immersion cleaning, 5±0.5min.
Solvent : 2-propanol
JIS C 5201-1 4.19
Test temp. :
−55°C to +125°C 5cyc
JIS C 5201-1 4.33
JIS C 5201-1 4.17
Rosin·Ethanol (25%WT)
Soldering condition : 235
±5°C
Duration of immersion : 2.0
±0.5s.
JIS C 5201-1 4.13
Rated voltage (current)
×2.5, 2s.
Maximum overload voltage : 400V
Table 1
Resistance tolerance
Resistance range
(
Ω)
Resistance temperature coefficient
(ppm /
°C)
F (
±1%)
J (
±5%)
10
≤ R ≤ 10M
10
≤ R ≤ 2.2M (E24,96)
(E24)
(E24)
±100
±200
1
≤ R < 10
±400


Số phần tương tự - MCR18

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
MCR18 ROHM-MCR18 Datasheet
95Kb / 5P
   Thick film rectangular
MCR18 ROHM-MCR18 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18 ROHM-MCR18 Datasheet
56Kb / 5P
   Thick film rectangular Low resistance series
MCR18 ROHM-MCR18 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18 ROHM-MCR18 Datasheet
75Kb / 5P
   Low Ohmic Thick Film Chip Resistors
More results

Mô tả tương tự - MCR18

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
MCR01 ROHM-MCR01_1 Datasheet
81Kb / 6P
   Thick film rectangular
MCR10 ROHM-MCR10_1 Datasheet
83Kb / 6P
   Thick film rectangular
MCR006 ROHM-MCR006 Datasheet
62Kb / 5P
   Thick film rectangular
MCR10 ROHM-MCR10 Datasheet
98Kb / 5P
   Thick film rectangular
MCR01 ROHM-MCR01 Datasheet
93Kb / 6P
   Thick film rectangular
MCR18EZHJ000 ROHM-MCR18EZHJ000 Datasheet
108Kb / 6P
   Thick film rectangular
MCR10EZHF5102 ROHM-MCR10EZHF5102 Datasheet
102Kb / 5P
   Thick film rectangular
MCR18EZHJ115 ROHM-MCR18EZHJ115 Datasheet
108Kb / 6P
   Thick film rectangular
MCR10EZHJ680 ROHM-MCR10EZHJ680 Datasheet
102Kb / 5P
   Thick film rectangular
MCR18EZHF1501 ROHM-MCR18EZHF1501 Datasheet
108Kb / 6P
   Thick film rectangular
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com