công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1412YRUZ-REEL7 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện ADG1412YRUZ-REEL7
Giải thích chi tiết về linh kiện  2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1412YRUZ-REEL7 bảng dữ liệu(HTML) 5 Page - Analog Devices

  ADG1412YRUZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG1412YRUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG1412YRUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1412YRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1412YRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1412YRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1412YRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1412YRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1412YRUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Preliminary Technical Data
ADG1411/ADG1412/ADG1413
Rev. PrE | Page 5 of 17
SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
Y Version
Unit
Test Conditions/Comments
25°C
−40°C to
+85°C
−40°C to
+125°C
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
2
Ω typ
VS = +10 V, IS = −10 mA; Figure 20
3
4
Ω max
VDD = +10.8 V, VSS = 0 V
On Resistance Match Between
Channels (∆RON)
0.1
Ω typ
VS = +10 V, IS = −10 mA
Ω max
On Resistance Flatness (RFLAT(ON))
0.1
Ω typ
VS = −5 V/0 V/+5 V, IS = −10 mA
LEAKAGE CURRENTS
VDD = 13.2 V, VSS = 0 V
Source Off Leakage, IS (Off)
±0.01
nA typ
VS = 1 V/10 V, VD = 10 V/0 V; Figure 21
±0.5
±2.5
±5
nA max
Drain Off Leakage, ID (Off)
±0.01
nA typ
VS = 1 V/10 V, VD = 10 V/0 V; Figure 21
±0.5
±2.5
±5
nA max
Channel On Leakage, ID, IS (On)
±0.04
nA typ
VS = VD = 1 V or 10 V; Figure 22
±1
±5
±5
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINLor IINH
0.001
µA typ
VIN = VINL or VINH
±0.5
µA max
Digital Input Capacitance, CIN
3
pF typ
DYNAMIC CHARACTERISTICS1
tON
120
ns typ
RL = 300 Ω, CL = 35 pF
155
225
ns max
VS = 8 V; Figure 23
tOFF
45
ns typ
RL = 300 Ω, CL = 35 pF
65
85
ns max
VS = 8 V; Figure 23
Break-Before-Make Time Delay, tD
50
ns typ
RL = 300 Ω, CL = 35 pF
(ADG1413 only)
10
ns min
VS1 = VS2 = 8 V; Figure 24
Charge Injection
50
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF; Figure 25
Off Isolation
50
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 26
Channel-to-Channel Crosstalk
60
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 27
Total Harmonic Distortion + Noise
0.015
% typ
RL = 110 Ω, 5 V rms, f = 20 Hz to 20 kHz
−3 dB Bandwidth
200
MHz typ
RL = 50 Ω, CL = 5 pF; Figure 28
CS (Off)
35
pF typ
Vs = 6V, f = 1 MHz
CD (Off)
35
pF typ
Vs = 6V, f = 1 MHz
CD, CS (On)
150
pF typ
Vs = 6V, f = 1 MHz
POWER REQUIREMENTS
VDD = 13.2 V
IDD
0.001
µA typ
Digital inputs = 0 V or VDD
1
µA max
IDD
220
µA typ
Digital inputs = 5 V
320
µA max
VDD
5/16.5
V
min/max
Gnd = 0V, Vss = 0V
1 Guaranteed by design, not subject to production test.


Số phần tương tự - ADG1412YRUZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1412L AD-ADG1412L Datasheet
899Kb / 19P
   1.5 Ω RON, Quad SPST Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1412LYCPZ-REEL7 AD-ADG1412LYCPZ-REEL7 Datasheet
899Kb / 19P
   1.5 Ω RON, Quad SPST Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1412 AD-ADG1412_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, CMOS, Quad SPST Switches
REV. B
More results

Mô tả tương tự - ADG1412YRUZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com