công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADG1436YRUZREEL7 bảng dữ liệu(PDF) 3 Page - Analog Devices |
|
ADG1436YRUZREEL7 bảng dữ liệu(HTML) 3 Page - Analog Devices |
3 / 17 page Preliminary Technical Data ADG1436 Rev. PrC| Page 3 of 17 SPECIFICATIONS DUAL SUPPLY VDD = 15 V ± 10%, VSS = −15 V ± 10%, GND = 0 V, unless otherwise noted. Table 1. 25°C -40°C to +85°C -40°C to +125°C ANALOG SWITCH Analog Signal Range VDD to VSS V On Resistance (RON) 1.5 Ω typ VS = ±10 V, IS = −10 mA; Figure 23 2 Ω max VDD = +13.5 V, VSS = −13.5 V On Resistance Match between Channels (∆RON) 0.1 Ω typ VS = ±10 V, IS = −10 mA 0.5 Ω max On Resistance Flatness (RFLAT(ON)) 0.1 Ω typ VS = −5 V/0 V/+5 V; IS = −10 mA 0.5 Ω max LEAKAGE CURRENTS VDD = +16.5 V, VSS = −16.5 V Source Off Leakage, IS (Off) ±0.01 nA typ VS = ±10 V, Vs = ±10 V; Figure 23 ±0.5 ±2.5 ±5 nA max Drain Off Leakage, ID (Off) ±0.01 nA typ VS = ±10 V, Vs = ±10 V;; Figure 23 ±0.5 ±2.5 ±5 nA max Channel On Leakage, ID, IS (On) ±0.04 nA typ VS = VD = ±10 V; Figure 23 ±1 ±2.5 ±5 nA max DIGITAL INPUTS Input High Voltage, VINH 2.0 V min Input Low Voltage, VINL 0.8 V max Input Current, IINL or IINH 0.005 µA typ VIN = VINL or VINH ±0.5 µA max Digital Input Capacitance, CIN 5 pF typ DYNAMIC CHARACTERISTICS1 Transition Time, tTRANS 120 ns typ RL = 300 Ω, CL = 35 pF 150 200 ns max VS = +10 V; Figure 25 tON (EN) 85 ns typ RL = 300 Ω, CL = 35 pF 105 130 140 ns max VS = 10 V; see Figure 25 tOFF (EN) 105 ns typ RL = 300 Ω, CL = 35 pF 125 150 170 ns max VS = 10 V; see Figure 25 Break-before-Make Time Delay, tD 15 40 ns typ RL = 300 Ω, CL = 35 pF 1 ns min VS1 = VS2 = +10 V; Figure 27 Charge Injection 50 pC typ VS = 0 V, RS = 0 Ω, CL = 1 nF; Figure 29 Off Isolation 50 dB typ RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 30 Channel-to-Channel Crosstalk 60 dB typ RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 31 Total Harmonic Distortion + Noise 0.015 % typ RL = 110Ω, 5 V rms, f = 20 Hz to 20 kHz −3 dB Bandwidth 100 MHz typ RL = 50 Ω, CL = 5 pF; Figure 32 CS (Off) 35 pF typ f = 1 MHz; VS = 0 V CD (Off) 35 pF typ f = 1 MHz; VS = 0 V CD, CS (On) 70 pF typ f = 1 MHz; VS = 0 V POWER REQUIREMENTS VDD = +16.5 V, VSS = −16.5 V IDD 0.001 µA typ Digital Inputs = 0 V or VDD 1 µA max IDD 150 µA typ Digital Input = 5 V 300 µA max ISS 0.001 µA typ Digital Inputs = 0 V, 5V or VDD 1.0 µA max |
Số phần tương tự - ADG1436YRUZREEL7 |
|
Mô tả tương tự - ADG1436YRUZREEL7 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |