công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADG1413 bảng dữ liệu(PDF) 1 Page - Analog Devices |
|
ADG1413 bảng dữ liệu(HTML) 1 Page - Analog Devices |
1 / 17 page 2 Ω Max On Resistance, ±15 V/12 V/±5 V iCMOS™ Quad SPST Switch Preliminary Technical Data ADG1411/ADG1412/ADG1413 Rev. PrE Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 © 2007 Analog Devices, Inc. All rights reserved. FEATURES 2 Ω Max On Resistance 0.5 Ω Max On Resistance Flatness 200mA continuous current per channel 33 V supply range Fully specified at +12 V, ±15 V, ±5 V No VL supply required 3 V logic-compatible inputs Rail-to-rail operation 16-lead TSSOP and 16-lead LFCSP Typical power consumption: <0.03 µW APPLICATIONS Automatic test equipment Data aquisition systems Battery-powered systems Sample-and-hold systems Audio signal routing Video signal routing Communication systems Relay Replacement GENERAL DESCRIPTION The ADG1411/ADG1412/ADG1413 are monolithic complementary metal-oxide semiconductor (CMOS) devices containing four independently selectable switches designed on an iCMOS process. iCMOS (industrial CMOS) is a modular manufacturing process combining high voltage CMOS and bipolar technologies. It enables the development of a wide range of high performance analog ICs capable of 33 V operation in a footprint that no previous generation of high voltage parts has been able to achieve. Unlike analog ICs using conventional CMOS processes, iCMOS components can tolerate high supply voltages while providing increased performance, dramatically lower power consumption, and reduced package size. The on resistance profile is very flat over the full analog input range ensuring excellent linearity and low distortion when switching audio signals. FUNCTIONAL BLOCK DIAGRAM IN1 IN2 IN3 IN4 S1 D1 S2 D2 S3 D3 S4 D4 ADG1411 SWITCHES SHOWN FOR A LOGIC "1" INPUT IN1 IN2 IN3 IN4 S1 D1 S2 D2 S3 D3 S4 D4 ADG1412 IN1 IN2 IN3 IN4 S1 D1 S2 D2 S3 D3 S4 D4 ADG1413 Figure 1. iCMOS construction ensures ultralow power dissipation, making the parts ideally suited for portable and battery- powered instruments. The ADG1411/ADG1412/ADG1413 contain four independent single-pole/single-throw (SPST) switches. The ADG1411 and ADG1412 differ only in that the digital control logic is inverted. The ADG1411 switches are turned on with Logic 0 on the appropriate control input, while Logic 1 is required for the ADG1412. The ADG1413 has two switches with digital control logic similar to that of the ADG1411; the logic is inverted on the other two switches. Each switch conducts equally well in both directions when on and has an input signal range that extends to the supplies. In the off condition, signal levels up to the supplies are blocked. The ADG1413 exhibits break-before-make switching action for use in multiplexer applications. Inherent in the design is low charge injection for minimum transients when switching the digital inputs. PRODUCT HIGHLIGHTS 1. 2Ω Max On Resistance over temperature. 2. Minimum distortion 3. 3 V logic-compatible digital inputs: VIH = 2.0 V, VIL = 0.8 V. 4. No VL logic power supply required. 5. Ultralow power dissipation: <0.03 µW. 6. 16-lead TSSOP and 4 mm × 4 mm LFCSP packages. |
Số phần tương tự - ADG1413 |
|
Mô tả tương tự - ADG1413 |