công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADG1413 bảng dữ liệu(PDF) 6 Page - Analog Devices |
|
ADG1413 bảng dữ liệu(HTML) 6 Page - Analog Devices |
6 / 17 page ADG1411/ADG1412/ADG1413 Preliminary Technical Data Rev. PrE | Page 6 of 17 DUAL SUPPLY VDD = 5 V ± 10%, VSS = -5 V ± 10%, GND = 0 V, unless otherwise noted. Table 3. 25°C −40°C to +85°C −40°C to +125°C Unit Test Conditions/Comments ANALOG SWITCH Analog Signal Range 0 V to VDD V On Resistance (RON) 3 Ω typ VS = ±3.3V, IS = −10 mA; Figure 20 4 Ω max VDD = +4.5 V, VSS = −4.5 V On Resistance Match Between Channels (∆RON) 0.1 Ω typ VS = ±3.3 V , IS = −10 mA Ω max On Resistance Flatness (RFLAT(ON)) 0.1 Ω typ VS = −3 V/0 V/+3 V; IS = −10 mA LEAKAGE CURRENTS VDD = +5.5 V, VSS = −5.5 V Source Off Leakage, IS (Off) ±0.01 nA typ VS = ±4.5 V, VD = ∓4.5 V; Figure 21 ±0.5 ±2.5 ±5 nA max Drain Off Leakage, ID (Off) ±0.01 nA typ VS = ±4.5V, VD = ∓4.5 V; Figure 21 ±0.5 ±2.5 ±5 nA max Channel On Leakage, ID, IS (On) ±0.04 nA typ VS = VD = ±4.5V; Figure 22 ±1 ±5 ±5 nA max DIGITAL INPUTS Input High Voltage, VINH 2.0 V min Input Low Voltage, VINL 0.8 V max Input Current, IINLor IINH 0.001 µA typ VIN = VINL or VINH ±0.5 µA max Digital Input Capacitance, CIN 3 pF typ DYNAMIC CHARACTERISTICS1 tON 120 ns typ RL = 300 Ω, CL = 35 pF 155 225 ns max VS = 3 V; Figure 23 tOFF 45 ns typ RL = 300 Ω, CL = 35 pF 65 85 ns max VS = 3 V; Figure 23 Break-Before-Make Time Delay, tD 50 ns typ RL = 300 Ω, CL = 35 pF (ADG1413 only) 10 ns min VS1 = VS2 = 8 V; Figure 24 Charge Injection 10 pC typ VS = 0V, RS = 0 Ω, CL = 1 nF; Figure 25 Off Isolation 50 dB typ RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 26 Channel-to-Channel Crosstalk 60 dB typ RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 27 Total Harmonic Distortion + Noise 0.015 % typ RL = 110 Ω, 5 V rms, f = 20 Hz to 20 kHz −3 dB Bandwidth 200 MHz typ RL = 50 Ω, CL = 5 pF; Figure 28 CS (Off) 35 pF typ Vs = 0V, f = 1 MHz CD (Off) 35 pF typ Vs = 0V, f = 1 MHz CD, CS (On) 150 pF typ Vs = 0V, f = 1 MHz POWER REQUIREMENTS VDD = 5.5 V , Vss = -5.5V IDD 0.001 µA typ Digital inputs = 0 V or VDD 1.0 µA max ISS 0.001 µA typ Digital inputs = 5 V 1.0 µA max VDD/VSS ±4.5/±16.5 V min/max Gnd = 0V 1 Guaranteed by design, not subject to production test. |
Số phần tương tự - ADG1413 |
|
Mô tả tương tự - ADG1413 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |