công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADATE207BBPZ bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện ADATE207BBPZ
Giải thích chi tiết về linh kiện  Quad Pin Timing Formatter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADATE207BBPZ bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button ADATE207BBPZ Datasheet HTML 5Page - Analog Devices ADATE207BBPZ Datasheet HTML 6Page - Analog Devices ADATE207BBPZ Datasheet HTML 7Page - Analog Devices ADATE207BBPZ Datasheet HTML 8Page - Analog Devices ADATE207BBPZ Datasheet HTML 9Page - Analog Devices ADATE207BBPZ Datasheet HTML 10Page - Analog Devices ADATE207BBPZ Datasheet HTML 11Page - Analog Devices ADATE207BBPZ Datasheet HTML 12Page - Analog Devices ADATE207BBPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ADATE207
Rev. 0 | Page 9 of 36
Pin No.
Mnemonic
Input/Output1
Type
Description
G20
DR_EN_CH3_N
D, O
Differential
open-drain
Inverted DCL Drive Enable Signal for Channel 3.
L20
LJ_CLK_P
D, I
Differential
input
Noninverted Low Jitter Clock Input. This pin
can be multiplexed onto DR_DATA outputs
for Channel 2 and Channel 3.
K19
LJ_CLK_N
D, I
Differential
Input
Inverted Low Jitter Clock Input. This pin can
be multiplexed onto DR_DATA outputs for
Channel 2 and Channel 3.
M3
COMP_H_CH0_P
D, I
Differential
input
terminated
Noninverted DCL High Comparator Signal for
Channel 0. Differential signal is Logic 1 when
the DUT output is higher than VOH.
M2
COMP_H_CH0_N
D, I
Differential
input
terminated
Inverted DCL High Comparator Signal for
Channel 0.
J4
COMP_H_CH1_P
D, I
Differential
input
terminated
Noninverted DCL High Comparator Signal for
Channel 1. Differential signal is Logic 1 when
the DUT output is higher than VOH.
J3
COMP_H_CH1_N
D, I
Differential
input
terminated
Inverted DCL High Comparator Signal for
Channel 1.
M18
COMP_H_CH2_P
D, I
Differential
input
terminated
Noninverted DCL High Comparator Signal for
Channel 2. Differential signal is Logic 1 when
the DUT output is higher than VOH.
M19
COMP_H_CH2_N
D, I
Differential
input
terminated
Inverted DCL High Comparator Signal for
Channel 2.
J17
COMP_H_CH3_P
D, I
Differential
input
terminated
Noninverted DCL High Comparator Signal for
Channel 3. Differential signal is Logic 1 when
the DUT output is higher than VOH.
J18
COMP_H_CH3_N
D, I
Differential
input
terminated
Inverted DCL High Comparator Signal for
Channel 3.
L3
COMP_L_CH0_P
D, I
Differential
input
terminated
Noninverted DCL Low Comparator Signal for
Channel 0. Differential signal is Logic 1 when
the DUT output is higher than VOL.
L4
COMP_L_CH0_N
D, I
Differential
input
terminated
Inverted Low Comparator Signal for Channel 0.
H1
COMP_L_CH1_P
D, I
Differential
input
terminated
Noninverted DCL Low Comparator Signal for
Channel 1. Differential signal is Logic 1 when
the DUT output is higher than VOL.
J2
COMP_L_CH1_N
D, I
Differential
input
terminated
Inverted Low Comparator Signal for Channel 1.
L18
COMP_L_CH2_P
D, I
Differential
input
terminated
Noninverted DCL Low Comparator Signal for
Channel 2. Differential signal is Logic 1 when
the DUT output is higher than VOL.
L17
COMP_L_CH2_N
D, I
Differential
Input
terminated
Inverted Low Comparator Signal for Channel 2.
H20
COMP_L_CH3_P
D, I
Differential
input
terminated
Noninverted DCL Low Comparator Signal for
Channel 3. Differential signal is Logic 1 when
the DUT output is higher than VOL.
J19
COMP_L_CH3_N
D, I
Differential
input
terminated
Inverted Low Comparator Signal for Channel 3.
M1
COMP_L_CH0_T
A, I, O
Analog
Center Tap. Center tap of two 50 Ω resistor
terminations for the low comparator
differential inputs of Channel 0.


Số phần tương tự - ADATE207BBPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADATE207 AD-ADATE207_15 Datasheet
624Kb / 36P
   Quad Pin Timing Formatter
REV. 0
More results

Mô tả tương tự - ADATE207BBPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADATE207 AD-ADATE207_15 Datasheet
624Kb / 36P
   Quad Pin Timing Formatter
REV. 0
logo
Fujitsu Component Limit...
MB8876A FUJITSU-MB8876A Datasheet
532Kb / 17P
   FLOPPY DISK FORMATTER / CONTROLLER (FDC)
logo
Semtech Corporation
EDGE629 SEMTECH-EDGE629 Datasheet
114Kb / 16P
   1 GHz Timing Deskew and Quad Fanout Element
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
   Advanced Floppy Disk Formatter/Controller Family
logo
Gennum Corporation
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
logo
List of Unclassifed Man...
WD2797 ETC-WD2797 Datasheet
1Mb / 30P
   WD279X-02 FLOPPY DISK FORMATTER/CONTROLLER FAMILY
logo
M/A-COM Technology Solu...
MA4P290-1225T MA-COM-MA4P290-1225T Datasheet
129Kb / 6P
   PIN Diode ? Quad Attenuator
logo
Panasonic Semiconductor
PN304V PANASONIC-PN304V Datasheet
206Kb / 5P
   SI PIN QUAD PHOTODIODE
logo
NXP Semiconductors
BAP64Q PHILIPS-BAP64Q_15 Datasheet
153Kb / 13P
   Quad PIN diode attenuator
Rev. 1-7 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com