công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADATE207BBP bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADATE207BBP
Giải thích chi tiết về linh kiện  Quad Pin Timing Formatter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADATE207BBP bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button ADATE207BBP Datasheet HTML 4Page - Analog Devices ADATE207BBP Datasheet HTML 5Page - Analog Devices ADATE207BBP Datasheet HTML 6Page - Analog Devices ADATE207BBP Datasheet HTML 7Page - Analog Devices ADATE207BBP Datasheet HTML 8Page - Analog Devices ADATE207BBP Datasheet HTML 9Page - Analog Devices ADATE207BBP Datasheet HTML 10Page - Analog Devices ADATE207BBP Datasheet HTML 11Page - Analog Devices ADATE207BBP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ADATE207
Rev. 0 | Page 8 of 36
Pin No.
Mnemonic
Input/Output1
Type
Description
D5
PAT_DATA_VALID
I
LVCMOS25
Indicates Pattern Bursting. When not
asserted, edges are disabled and the drive
and expect signals are static. Clocked by
MCLK.
F3
PER_EARLY_T0EN
I
LVCMOS25
Indicates the Start of a T0 Period. Clocked
by MCLK.
E1
PER_EARLY_C0EN
I
LVCMOS25
Indicates the Start of a C0 Period. Clocked
by MCLK.
C4, D3, E4, D2, D1, E3, F4, E2
INPUT_DELAY[7:0]
I
LVCMOS25
Global Delay Input For All Edges. Clocked
by MCLK.
F18
TMU_ARM_P
D, O
Differential
open-drain
Differential Tristate Output. Noninverted TMU
ARM multiplexer output. High-Z when not
enabled.
E20
TMU_ARM_N
D, O
Differential
open-drain
Differential Tristate Output. Inverted TMU
ARM multiplexer output. High-Z when not
enabled.
E19
TMU_START_P
D, O
Differential
open-drain
Differential Tristate Output. Noninverted TMU
START multiplexer output. High-Z when not
enabled.
F17
TMU_START_N
D, O
Differential
open-drain
Differential Tristate Output. Inverted TMU
START multiplexer output. High-Z when not
enabled.
E18
TMU_STOP_P
D, O
Differential
open-drain
Noninverted TMU STOP Multiplexer Output.
Differential tristate output. High-Z when not
enabled.
D20
TMU_STOP_N
D, O
Differential
open-drain
Inverted TMU STOP Multiplexer Output.
Differential tristate output. High-Z when not
enabled.
P2
DR_DATA_CH0_P
D, O
Differential
open-drain
Noninverted DCL Drive Data Signal for
Channel 0.
P1
DR_DATA_CH0_N
D, O
Differential
open-drain
Inverted DCL Drive Data Signal for Channel 0.
G3
DR_DATA_CH1_P
D, O
Differential
open-drain
Noninverted DCL Drive Data Signal for
Channel 1.
H4
DR_DATA_CH1_N
D, O
Differential
open-drain
Inverted DCL Drive Data Signal for Channel 1.
P19
DR_DATA_CH2_P
D, O
Differential
open-drain
Noninverted DCL Drive Data Signal for
Channel 2.
P20
DR_DATA_CH2_N
DO
Differential
open-drain
Inverted DCL Drive Data Signal for Channel 2.
G18
DR_DATA_CH3_P
D, O
Differential
open-drain
Noninverted DCL Drive Data Signal for
Channel 3.
H17
DR_DATA_CH3_N
D, O
Differential
open-drain
Inverted DCL Drive Data Signal for Channel 3.
N3
DR_EN_CH0_P
D, O
Differential
open-drain
Noninverted DCL Drive Enable Signal for
Channel 0.
N2
DR_EN_CH0_N
D, O
Differential
open-drain
Inverted DCL Drive Enable Signal for Channel 0.
G2
DR_EN_CH1_P
D, O
Differential
open-drain
Noninverted DCL Drive Enable Signal for
Channel 1.
G1
DR_EN_CH1_N
D, O
Differential
open-drain
Inverted DCL Drive Enable Signal for Channel 1.
N18
DR_EN_CH2_P
D, O
Differential
open-drain
Noninverted DCL Drive Enable Signal for
Channel 2.
N19
DR_EN_CH2_N
D, O
Differential
open-drain
Inverted DCL Drive Enable Signal for Channel 2.
G19
DR_EN_CH3_P
D, O
Differential
open-drain
Noninverted DCL Drive Enable Signal for
Channel 3.


Số phần tương tự - ADATE207BBP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADATE207 AD-ADATE207_15 Datasheet
624Kb / 36P
   Quad Pin Timing Formatter
REV. 0
More results

Mô tả tương tự - ADATE207BBP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADATE207 AD-ADATE207_15 Datasheet
624Kb / 36P
   Quad Pin Timing Formatter
REV. 0
logo
Fujitsu Component Limit...
MB8876A FUJITSU-MB8876A Datasheet
532Kb / 17P
   FLOPPY DISK FORMATTER / CONTROLLER (FDC)
logo
Semtech Corporation
EDGE629 SEMTECH-EDGE629 Datasheet
114Kb / 16P
   1 GHz Timing Deskew and Quad Fanout Element
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
   Advanced Floppy Disk Formatter/Controller Family
logo
Gennum Corporation
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
logo
List of Unclassifed Man...
WD2797 ETC-WD2797 Datasheet
1Mb / 30P
   WD279X-02 FLOPPY DISK FORMATTER/CONTROLLER FAMILY
logo
M/A-COM Technology Solu...
MA4P290-1225T MA-COM-MA4P290-1225T Datasheet
129Kb / 6P
   PIN Diode ? Quad Attenuator
logo
Panasonic Semiconductor
PN304V PANASONIC-PN304V Datasheet
206Kb / 5P
   SI PIN QUAD PHOTODIODE
logo
NXP Semiconductors
BAP64Q PHILIPS-BAP64Q_15 Datasheet
153Kb / 13P
   Quad PIN diode attenuator
Rev. 1-7 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com