công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9957 bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD9957
Giải thích chi tiết về linh kiện  1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9957 bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD9957_07 Datasheet HTML 6Page - Analog Devices AD9957_07 Datasheet HTML 7Page - Analog Devices AD9957_07 Datasheet HTML 8Page - Analog Devices AD9957_07 Datasheet HTML 9Page - Analog Devices AD9957_07 Datasheet HTML 10Page - Analog Devices AD9957_07 Datasheet HTML 11Page - Analog Devices AD9957_07 Datasheet HTML 12Page - Analog Devices AD9957_07 Datasheet HTML 13Page - Analog Devices AD9957_07 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
AD9957
Rev. 0 | Page 10 of 60
Pin No.
Mnemonic
I/O1
Description
59
I/O_UPDATE
I
Input/Output Update; Digital Input Or Output (Active High) Depending on the Internal I/O
Update Active Bit. A high on this pin indicates a transfer of the contents of the I/O buffers
to the corresponding internal registers.
60
OSK
I
Output Shift Keying, Digital Input (Active High). When using OSK (manual or automatic),
this pin controls the OSK function. See the Output Shift Keying (OSK) section of the data
sheet for details. When not using OSK, tie this pin high.
67
SDIO
I/O
Serial Data Input/Output, Digital Input/Output (Active High). This pin can be either
unidirectional or bidirectional (default), depending on configuration settings. In
bidirectional serial port mode, this pin acts as the serial data input and output. In
unidirectional, it is an input only.
68
SDO
O
Serial Data Output, Digital Output (Active High). This pin is only active in unidirectional
serial data mode. In this mode, it functions as the output. In bidirectional mode, this pin is
not operational and should be left floating.
69
SCLK
O
Serial Data Clock. Digital clock (rising edge on write, falling edge on read). This pin
provides the serial data clock for the control data path. Write operations to the AD9957
use the rising edge. Readback operations from the AD9957 use the falling edge.
70
CS
I
Chip Select, Digital Input (Active Low). Bringing this pin low enables the AD9957 to detect
serial clock rising/falling edges. Bringing this pin high causes the AD9957 to ignore input
on the serial data pins.
71
I/O_RESET
I
Input/Output Reset, Digital Input (Active High). Rather than resetting the entire device
during a failed communication cycle, when brought high, this pin resets the state
machine of the serial port controller and clears any I/O buffers that have been written
since the last I/O update. When unused, tie this pin to ground to avoid accidental resets.
80
IOUT
O
Open Source DAC Complementary Output Source. Analog output, current mode. Connect
through 50 Ω to AGND.
81
IOUT
O
Open Source DAC Output Source. Analog output, current mode. Connect through 50 Ω to
AGND.
84
DAC_RSET
O
Analog Reference Pin. This pin programs the DAC output full-scale reference current.
Attach a 10 kΩ resistor to AGND.
90
REF_CLK
I
Reference Clock Input. Analog input. See the REFCLK Overview section for more details.
91
REF_CLK
I
Complementary Reference Clock Input. Analog input. See the REFCLK Overview section
for more details.
94
REFCLK_OUT
O
Reference Clock Output. Analog output. See the REFCLK Overview section for more
details.
95
XTAL_SEL
O
Crystal Select. See the REFCLK Overview section for more details.
1 I = input, O = output.


Số phần tương tự - AD9957_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9957/PCBZ AD-AD9957/PCBZ Datasheet
1Mb / 62P
   1 GSPS Quadrature Digital Upconverter
AD9957/PCBZ AD-AD9957/PCBZ Datasheet
1Mb / 61P
   1 GSPS Quadrature Digital Upconverter
AD9957BSVZ AD-AD9957BSVZ Datasheet
617Kb / 38P
   1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC
Rev. PrF
AD9957BSVZ AD-AD9957BSVZ Datasheet
1Mb / 62P
   1 GSPS Quadrature Digital Upconverter
AD9957BSVZ AD-AD9957BSVZ Datasheet
1Mb / 61P
   1 GSPS Quadrature Digital Upconverter
More results

Mô tả tương tự - AD9957_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9957 AD-AD9957 Datasheet
617Kb / 38P
   1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC
Rev. PrF
AD9957 AD-AD9957_18 Datasheet
1Mb / 61P
   1 GSPS Quadrature Digital Upconverter
AD9957 AD-AD9957_17 Datasheet
1Mb / 62P
   1 GSPS Quadrature Digital Upconverter
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9857 AD-AD9857 Datasheet
551Kb / 31P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. 0
AD9857 AD-AD9857_04 Datasheet
1Mb / 40P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9857 AD-AD9857_17 Datasheet
893Kb / 41P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
AD9912 AD-AD9912 Datasheet
113Kb / 3P
   1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
Rev. F
AD9857 AD-AD9857_15 Datasheet
1Mb / 40P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com