công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3A24159 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS3A24159
Giải thích chi tiết về linh kiện  0.3-W DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS3A24159 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TS3A24159 Datasheet HTML 5Page - Texas Instruments TS3A24159 Datasheet HTML 6Page - Texas Instruments TS3A24159 Datasheet HTML 7Page - Texas Instruments TS3A24159 Datasheet HTML 8Page - Texas Instruments TS3A24159 Datasheet HTML 9Page - Texas Instruments TS3A24159 Datasheet HTML 10Page - Texas Instruments TS3A24159 Datasheet HTML 11Page - Texas Instruments TS3A24159 Datasheet HTML 12Page - Texas Instruments TS3A24159 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.ti.com
Electrical Characteristics for 1.8-V Supply
(1) (Continued)
TS3A24159
0.3-
Ω DUAL SPDT ANALOG SWITCH
DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS238 – MARCH 2007
V
+ = 1.65 to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25
°C
1.8 V
53
75
VCOM = V+,
CL = 35 pF,
Turn-on time
tON
ns
1.65 V to
RL = 50 Ω,
See Figure 14
Full
30
1.95 V
25
°C
1.8 V
24
35
VCOM = V+,
CL = 35 pF,
Turn-off time
tOFF
ns
1.65 V to
RL = 50 Ω,
See Figure 14
Full
40
1.95 V
25
°C
1.8 V
2
30
40
Break-before-
VNC = VNO = V+,
CL = 35 pF,
tBBM
ns
1.65 V to
make time
RL = 50 Ω,
See Figure 15
Full
1
50
1.95 V
VGEN = 0,
CL = 1 nF,
Charge injection
QC
25
°C
1.8 V
5
pC
RGEN = 0,
SeeFigure 19
NC, NO
CNC(OFF),
VNC or VNO = V+ or GND,
See Figure 13
25
°C
1.8 V
90
pF
OFF capacitance
CNO(OFF)
Switch OFF,
NC, NO
CNC(ON),
VNC or VNO = V+ or GND,
See Figure 13
25
°C
1.8 V
250
pF
ON capacitance
CNO(ON)
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 13
25
°C
1.8 V
250
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 13
25
°C
1.8 V
2
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 16
25
°C
1.8 V
23
MHz
Switch ON,
RL = 50 Ω,
OFF isolation
OISO
See Figure 17
25
°C
1.8 V
–73
dB
f = 1 MHz,
RL = 50 Ω,
Crosstalk
XTALK
See Figure 18
25
°C
1.8 V
–97
dB
f = 1 MHz,
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25
°C
1.8 V
0.005
%
distortion
CL = 50 pF,
See Figure 20
Supply
25
°C
100
50
Positive supply
I+
VI = V+ or GND
1.95 V
nA
current
Full
700
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
9
Submit Documentation Feedback


Số phần tương tự - TS3A24159

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3A24159 TI-TS3A24159 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159DGSR TI-TS3A24159DGSR Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159DGSR TI1-TS3A24159DGSR Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159DGSRG4 TI-TS3A24159DGSRG4 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Mô tả tương tự - TS3A24159

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159_15 Datasheet
1Mb / 32P
[Old version datasheet]   TS3A24159 0.3-廓 2-Channel SPDT Bidirectional Analog Switch Dual-Channel 2:1 Multiplexer and Demultiplexer
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_1 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_10 Datasheet
743Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com