công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34703R2 bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MC34703R2
Giải thích chi tiết về linh kiện  10A Switch-Mode Power Supply with LDO Regulator
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34703R2 bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC34703R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34703R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34703R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34703R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34703R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34703R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34703R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34703R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34703R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34703
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CONTROL AND SUPERVISORY CIRCUITS (EN1, EN2, RESET, CLKSEL, ADDR, RT)
Enable (EN1, EN2) Input Voltage Threshold
VTHEN
1.2
1.6
2.0
V
Enable (EN1, EN2) Input Voltage Threshold Hysteresis (21)
VIHYS
0.1
V
Enable (EN1, EN2) Pull-Down Resistance
RPU
30
60
90
k
RESET
Low-Level Output Voltage, IOL = 5.0 mA
VOL
0.1
0.4
V
RESET
Leakage Current, OFF State, Pulled Up to 5.0 V
ILKGRST
10
µA
RESET
Undervoltage Threshold on VOUT (∆VOUT/VOUT)
(20)
VOUTITH
-12
-7.5
-4.0
%
RESET
Overvoltage Threshold on VOUT (∆VOUT/VOUT)
(20)
VOUTITH
4.0
7.5
12
%
RESET
Undervoltage Threshold on VLDO (∆VLDO/VLDO)
(20)
VLDOITH
-12
-7.5
-4.0
%
RESET
Overvoltage Threshold on VLDO (∆VLDO/VLDO)
(20)
VLDOITH
4.0
7.5
12
%
RT Voltage Threshold
VTHRT
0.8
1.2
1.5
V
RT current source
ISRT
17
25
34
mA
RT Saturation Voltage, Reset Timer Current = 300
µA
VSATRT
45
100
mV
Maximum Value of the RT Capacitor
CT
33
µF
CLKSEL Threshold Voltage
VTHCLKS
1.2
1.6
2.0
V
CLKSEL Pull-Up Resistance
RPUCLKS
60
120
240
k
ADDR Threshold Voltage
VTHADDR
1.2
1.6
2.0
V
ADDR Pull-Up Resistance
RPUADDR
60
120
240
k
I2C Bus (SDA, SCL)
Input Threshold Voltage
VITH
1.3
1.7
V
Input Voltage Threshold Hysteresis (21)
VIHYS
0.2
V
SDA, SCL Input Current, Input Voltage = 0.4 V to 5.5 V
II
10
µA
SDA Low-Level Output Voltage, 3.0 mA Sink Current
VOL
0.4
V
SDA, SCL Capacitance
CI
10
pF
Notes
20.
This parameter does not include the tolerance of the external resistor divider.
21.
Not production tested for typical values specified.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions -40°C TJ 85°C unless otherwise noted. Input voltages 2.8 V VIN 13.5 V. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Số phần tương tự - MC34703R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MC3470 TI-MC3470 Datasheet
285Kb / 8P
[Old version datasheet]   FLOPPY DISK READ-AMPLIFIER SYSTEMS
logo
Freescale Semiconductor...
MC34700 FREESCALE-MC34700 Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
MC34700 FREESCALE-MC34700 Datasheet
1Mb / 28P
   9.0 to 18 V, Quad Output, Integrated MOSFET Power Supply
MC34700EP FREESCALE-MC34700EP Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
MC34700EP/R2 FREESCALE-MC34700EP/R2 Datasheet
1Mb / 28P
   9.0 to 18 V, Quad Output, Integrated MOSFET Power Supply
More results

Mô tả tương tự - MC34703R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC34701EW FREESCALE-MC34701EW Datasheet
770Kb / 39P
   1.5A Switch-Mode Power Supply with Linear Regulator
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
   3.0A Switch-Mode Power Supply with Linear Regulator
MC34701EK FREESCALE-MC34701EK Datasheet
739Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
34702 FREESCALE-34702 Datasheet
863Kb / 38P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Motorola, Inc
33702 MOTOROLA-33702 Datasheet
841Kb / 24P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Freescale Semiconductor...
34701 FREESCALE-34701_07 Datasheet
860Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
logo
Semtech Corporation
SC417 SEMTECH-SC417 Datasheet
546Kb / 29P
   10A Integrated FET Regulator with Programmable LDO
SC417 SEMTECH-SC417_09 Datasheet
595Kb / 30P
   10A Integrated FET Regulator with Programmable LDO
SC402B SEMTECH-SC402B Datasheet
1Mb / 32P
   10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com