công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34703R2 bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện MC34703R2
Giải thích chi tiết về linh kiện  10A Switch-Mode Power Supply with LDO Regulator
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34703R2 bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC34703R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34703R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34703R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34703R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34703R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34703R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34703R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34703R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34703R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34703
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
BUCK ERROR AMPLIFIER (INV, COMP)
Input Impedance (13)
RIN
14
M
Output Impedance (13)
ROUT
1.4
k
DC Open Loop Gain (13)
AVOL
80
dB
Gain Bandwidth Product (13)
GBW
4.0
MHz
Slew Rate (13)
SR
2.0
V/
µs
Output Voltage Swing – High Level
VIN1 > 3.3 V, IOEA = -400 mA
(13)
VEAOH
2.0
V
Output Voltage Swing – Low Level
IOEA = 400 mA
(13)
VEAOL
0.4
V
Slope Compensation Ramp (13)
VSCRAMP
0.6
V
OSCILLATOR (FREQ)
Oscillator Low-Level Output Voltage (CLKSYN Pin),
CLKSEL Open
VOSCOL
0.1
0.4
V
Oscillator High-Level Output Voltage (CLKSYN Pin),
CLKSEL Open (14)
VOSCOH
2.7
3.3
V
Oscillator Input Voltage Threshold (CLKSYN Pin),
CLKSEL Grounded
VOSCIH
1.2
1.6
2.0
V
Oscillator Frequency Adjusting Reference Voltage (FREQ) (16)
VFREQ
1.15
1.27
1.35
V
Oscillator Frequency Adjusting Resistor Range (16)
RFREQ
5.0
20
k
BOOST REGULATOR (VBST, VIN)
Boost Regulator Output Voltage
IBST = 20mA, VIN1 = VIN2 = 2.8 V to 8.0 V
VBST
7.5
8.0
8.5
V
Boost Regulator Output Voltage(15)
IBST = 20mA, VIN1 = VIN2 > 8.0V
VBST(VGREG)
7.5
8.0
8.8
V
Boost Regulator Start-Up Voltage
VINBSU
1.6
1.8
V
Boost Regulator Peak Current Limit (Power FET Peak Current)
IPBD
0.75
1.0
1.5
A
Boost Regulator Power FET Valley Current Limit (Low Level)
ILBD
550
600
900
mA
Boost Power FET RDS(ON)
(16)
IBST = 500 mA, VIN1 = VIN2 = 13.5V
RDS(ON)
900
m
Boost Regulator Recommended Output Capacitor
CBST
10
µF
Boost Regulator Recommended Output Capacitor Maximum ESR
ESRCBST
100
m
Notes
13.
Design information only. It is not production tested.
14.
All internal high level voltages are reference to the VDDI voltage.
15.
When the input is above 8 V an integrated linear regulator will provide VBST; under this configuration the external inductor must be
removed and the VBD pin left open (floating).
16.
Guaranteed by design.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions -40°C TJ 85°C unless otherwise noted. Input voltages 2.8 V VIN 13.5 V. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Số phần tương tự - MC34703R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MC3470 TI-MC3470 Datasheet
285Kb / 8P
[Old version datasheet]   FLOPPY DISK READ-AMPLIFIER SYSTEMS
logo
Freescale Semiconductor...
MC34700 FREESCALE-MC34700 Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
MC34700 FREESCALE-MC34700 Datasheet
1Mb / 28P
   9.0 to 18 V, Quad Output, Integrated MOSFET Power Supply
MC34700EP FREESCALE-MC34700EP Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
MC34700EP/R2 FREESCALE-MC34700EP/R2 Datasheet
1Mb / 28P
   9.0 to 18 V, Quad Output, Integrated MOSFET Power Supply
More results

Mô tả tương tự - MC34703R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC34701EW FREESCALE-MC34701EW Datasheet
770Kb / 39P
   1.5A Switch-Mode Power Supply with Linear Regulator
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
   3.0A Switch-Mode Power Supply with Linear Regulator
MC34701EK FREESCALE-MC34701EK Datasheet
739Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
34702 FREESCALE-34702 Datasheet
863Kb / 38P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Motorola, Inc
33702 MOTOROLA-33702 Datasheet
841Kb / 24P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Freescale Semiconductor...
34701 FREESCALE-34701_07 Datasheet
860Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
logo
Semtech Corporation
SC417 SEMTECH-SC417 Datasheet
546Kb / 29P
   10A Integrated FET Regulator with Programmable LDO
SC417 SEMTECH-SC417_09 Datasheet
595Kb / 30P
   10A Integrated FET Regulator with Programmable LDO
SC402B SEMTECH-SC402B Datasheet
1Mb / 32P
   10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com