công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5213LCVM80 bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5213LCVM80
Giải thích chi tiết về linh kiện  ColdFire Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5213LCVM80 bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc

  MCF5213LCVM80 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5213LCVM80 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5213LCVM80 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5213LCVM80 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5213LCVM80 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5213LCVM80 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5213LCVM80 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5213LCVM80 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5213LCVM80 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
MCF5213 Family Configurations
MCF5213 ColdFire Microcontroller, Rev. 3
Freescale Semiconductor
5
Version 2 ColdFire variable-length RISC processor core
— Static operation
— 32-bit address and data paths on-chip
— Up to 80 MHz processor core frequency
— Sixteen general-purpose, 32-bit data and address registers
— Implements ColdFire ISA_A with extensions to support the user stack pointer register and four new instructions
for improved bit processing (ISA_A+)
— Multiply-Accumulate (MAC) unit with 32-bit accumulator to support 16
×16 → 32 or 32×32 → 32 operations
— Illegal instruction decode that allows for 68-Kbyte emulation support
System debug support
— Real-time trace for determining dynamic execution path
— Background debug mode (BDM) for in-circuit debugging (DEBUG_B+)
— Real-time debug support, with six hardware breakpoints (4 PC, 1 address and 1 data) configurable into a 1- or
2-level trigger
On-chip memories
— 32-Kbyte dual-ported SRAM on CPU internal bus, supporting core and DMA access with standby power supply
support
— 256 Kbytes of interleaved flash memory supporting 2-1-1-1 accesses
Power management
— Fully static operation with processor sleep and whole chip stop modes
— Rapid response to interrupts from the low-power sleep mode (wake-up feature)
— Clock enable/disable for each peripheral when not used
FlexCAN 2.0B module
— Based on and includes all existing features of the Freescale TouCAN module
— Full implementation of the CAN protocol specification version 2.0B
Standard data and remote frames (up to 109 bits long)
Extended data and remote frames (up to 127 bits long)
Zero to eight bytes data length
Programmable bit rate up to 1 Mbit/sec
— Flexible message buffers (MBs), totalling up to 16 message buffers of 0–8 byte data length each, configurable as
Rx or Tx, all supporting standard and extended messages
— Unused MB space can be used as general purpose RAM space
— Listen-only mode capability
— Content-related addressing
— No read/write semaphores
— Three programmable mask registers: global for MBs 0-13, special for MB14, and special for MB15
— Programmable transmit-first scheme: lowest ID or lowest buffer number
— Time stamp based on 16-bit free-running timer
— Global network time, synchronized by a specific message
— Maskable interrupts
Three universal asynchronous/synchronous receiver transmitters (UARTs)
— 16-bit divider for clock generation
— Interrupt control logic with maskable interrupts
— DMA support
— Data formats can be 5, 6, 7 or 8 bits with even, odd, or no parity
— Up to two stop bits in 1/16 increments


Số phần tương tự - MCF5213LCVM80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5213LCVM80 FREESCALE-MCF5213LCVM80 Datasheet
1Mb / 54P
   MCF5213 ColdFire Microcontroller
More results

Mô tả tương tự - MCF5213LCVM80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_09 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com