công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5253VM140 bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5253VM140
Giải thích chi tiết về linh kiện  ColdFire짰 Microprocessor Data Sheet
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5253VM140 bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCF5253VM140 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5253VM140 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5253VM140 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5253VM140 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5253VM140 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5253VM140 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5253VM140 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5253VM140 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF5253VM140 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Signal Description
MCF5253 ColdFire Processor Data Sheet: Technical Data, Rev. 2
10
Freescale Semiconductor
QSPI data out
RCK/QSPIDIN/QSPIDOUT/GPIO26
QSPIDOUT/SFSY/GPIO27
QSPI data out
In/Out
QSPI chip selects
QSPICS0/EBUIN4/GPIO15
QSPICS1/EBUOUT2/GPIO16
QSPICS2/MCLK2/GPIO24
CS1/QSPICS3/GPIO28
QSPI chip selects
In/Out
System oscillator in
CRIN
System input
In
System oscillator out
CROUT
System output
Out
Reset In
RSTI
Processor reset input
In
Freescale Test Mode
TEST[2:0]
TEST pins.
In
Linear regulator output
LINOUT
Output of 1.2 V to supply core
Out
Linear regulator input
LININ
Input, typically I/O supply (3.3V)
In
Linear regulator ground LINGND
High Impedance
HI_Z
Assertion tri-states output signal pins
In
Debug Data
DDATA0/CTS1/SDATA0_SDIO1/GPIO1
DDATA1/RTS1/SDATA2_BS2/GPIO2
DDATA2/CTS0/GPIO3
DDATA3/RTS0/GPIO4
Display of captured processor data
and break-point statuses
In/Out
Hi-Z
Processor Status
PST0/GPIO50
PST1/GPIO49
PST2/INTMON2/GPIO48
PST3/INTMON1/GPIO47
Indication of internal processor
status.
In/Out
Hi-Z
Processor clock
PSTCLK/GPIO51
Processor clock output
Out
Test Clock
TCK
Clock signal for IEEE 1149.1A JTAG
In
Test Reset/
Development Serial
Clock
DSCLK/TRST
Multiplexed signal that is
asynchronous reset for JTAG
controller. Also, clock input for debug
module.
In
Test Mode Select/Break
Point
TMS/BKPT
Multiplexed signal that is test mode
select in JTAG mode and a hardware
break-point in debug mode
In
Test Data Input/
Development Serial
Input
TDI/DSI
Multiplexed serial input for the JTAG
or background debug module.
In
Test Data
Output/Development
Serial Output
TDO/DSO
Multiplexed serial output for the
JTAG or background debug module
Out
Table 3. MCF5253 Signal Index (continued)
Signal Name
Mnemonic
Function
Input/
Output
Reset
State


Số phần tương tự - MCF5253VM140

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5251 FREESCALE-MCF5251 Datasheet
647Kb / 32P
   ColdFire Processor
MCF5251 FREESCALE-MCF5251 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF5251 FREESCALE-MCF5251 Datasheet
679Kb / 34P
   ColdFire짰 Microprocessor
MCF5251CDVM140 FREESCALE-MCF5251CDVM140 Datasheet
647Kb / 32P
   ColdFire Processor
MCF5251CEVM140 FREESCALE-MCF5251CEVM140 Datasheet
647Kb / 32P
   ColdFire Processor
More results

Mô tả tương tự - MCF5253VM140

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5251 FREESCALE-MCF5251_07 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF54455 FREESCALE-MCF54455_09 Datasheet
1Mb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
logo
NXP Semiconductors
MCF5329DS NXP-MCF5329DS Datasheet
1Mb / 50P
   MCF532x ColdFire짰 Microprocessor Data Sheet
Rev. 5, 11/2008
logo
Freescale Semiconductor...
MCF5208EC FREESCALE-MCF5208EC_08 Datasheet
2Mb / 46P
   MCF5208 ColdFire짰 Microprocessor Data Sheet
MCF54455_0812 FREESCALE-MCF54455_0812 Datasheet
937Kb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
logo
NXP Semiconductors
MCF54455 NXP-MCF54455 Datasheet
541Kb / 49P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
Rev. 9, 04/2021
MCF5373DS NXP-MCF5373DS Datasheet
1Mb / 46P
   MCF537x ColdFire짰 Microprocessor Data Sheet
Rev. 4, 11/2008
logo
Freescale Semiconductor...
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com