công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5251 bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5251
Giải thích chi tiết về linh kiện  ColdFire짰 Microprocessor Data Sheet
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5251 bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc

  MCF5251_07 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5251_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5251_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5251_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5251_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5251_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5251_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5251_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5251_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Functional Description
MCF5253 ColdFire Processor Data Sheet: Technical Data, Rev. 2.2
Freescale Semiconductor
5
GPIO
General Purpose I/O
Interface
System
integration
GPIO signals are multiplexed with various other signals.
GPT
General Timer
Module
Timer
peripheral
The timer module includes two general-purpose timers, each of which
contains a free-running 16-bit timer.
IDE
Integrated Drive
Electronics
Connectivity
peripheral
The IDE hardware consists of bus buffers for address and data and are
intended to reduce the load on the bus and prevent SDRAM and Flash
accesses from propagating to the IDE bus.
INC
Instruction Cache
Core
The instruction cache improves system performance by providing cached
instructions to the execution unit in a single clock cycle.
I2C
Inter IC
Communication
Module
Connectivity
peripheral
The two-wire I2C bus interfaces, compliant with the Philips I2C bus
standard, are bidirectional serial buses that exchange data between
devices.
SRAM
Internal 128-KB
SRAM
Internal
memory
The 128-Kbyte on-chip SRAM is split over two banks, SRAM0 (64K) and
SRAM1 (64K). It provides single clock-cycle access for the ColdFire core.
LIN
Internal Voltage
Regulator
Linear
regulator
An internal 1.2 V regulator is used to supply the CPU and PLL sections of
the MCF5251, reducing the number of external components required and
allowing operation from a single supply rail, typically 3.3 volts.
JTAG
Joint Test Action
Group
Test and
debug
To help with system diagnostics and manufacturing testing, the MCF5251
includes dedicated user-accessible test logic that complies with the IEEE
1149.1A standard for boundary scan testability, often referred to as Joint
Test Action Group, or JTAG.
QSPI
Queued Serial
Peripheral Interface
Connectivity
Interface
The QSPI module provides a serial peripheral interface with queued
transfer capability.
RTC
Real-Time Clock
Timer
Peripheral
The RTC is a clock that keeps track of the current time even if the clock is
turned off.
BDM
Background Debug
Interface
Test and
debug
A background-debug mode (BDM) interface provides system debug.
SDRAMC
Synchronous DRAM
Memory Controller
Peripheral
Interface
The SDRAM controller provides a glueless interface for one bank of
SDRAM, and can address up to 32MB. The controller supports a 16-bit
data bus. The controller operates in page mode, non-page mode, and
burst-page mode and supports SDRAMs.
SIM
System Integration
Module
System
Integration
The SIM provides overall control of the internal and external buses and
serves as the interface between the ColdFire core and the internal
peripherals or external devices. The SIM is responsible for the two
interrupt controllers (setting priorities and levels). And it also configures
the GPIO ports.
PLL
System Oscillator and
Phase Lock Loop
System
Clocking
The oscillator operates from an external crystal connected across CRIN
and CROUT. The circuit can also operate from an external clock
connected to CRIN. The on-chip programmable PLL, which generates the
processor clock, allows the use of almost any low frequency external clock
(5–35 MHz).
Table 2. Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Functional
Grouping
Brief Description


Số phần tương tự - MCF5251_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5251 FREESCALE-MCF5251_08 Datasheet
679Kb / 34P
   ColdFire짰 Microprocessor
More results

Mô tả tương tự - MCF5251_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5253 FREESCALE-MCF5253 Datasheet
238Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF54455 FREESCALE-MCF54455_09 Datasheet
1Mb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
logo
NXP Semiconductors
MCF5329DS NXP-MCF5329DS Datasheet
1Mb / 50P
   MCF532x ColdFire짰 Microprocessor Data Sheet
Rev. 5, 11/2008
logo
Freescale Semiconductor...
MCF5208EC FREESCALE-MCF5208EC_08 Datasheet
2Mb / 46P
   MCF5208 ColdFire짰 Microprocessor Data Sheet
MCF54455_0812 FREESCALE-MCF54455_0812 Datasheet
937Kb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
logo
NXP Semiconductors
MCF54455 NXP-MCF54455 Datasheet
541Kb / 49P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
Rev. 9, 04/2021
MCF5373DS NXP-MCF5373DS Datasheet
1Mb / 46P
   MCF537x ColdFire짰 Microprocessor Data Sheet
Rev. 4, 11/2008
logo
Freescale Semiconductor...
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com