công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33889DEG bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33889DEG
Giải thích chi tiết về linh kiện  System Basis Chip with Low Speed Fault Tolerant CAN Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33889DEG bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCZ33889DEG Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33889
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Reset threshold 1
Default value after reset. (15)
VRST-TH1
4.5
4.6
4.7
V
Reset threshold 2 (15)
VRST-TH2
4.1
4.2
4.3
V
Reset duration
RESET-DUR
0.85
1.0
2.0
ms
VDD1 range for Reset Active
VDD
1.0
-
-
V
Reset Delay Time
Measured at 50% of reset signal. (16)
tD
5.0
-
20
µs
Line Regulation
9.0 V < VSUP < 18, IDD = 10 mA
LR1
-
5.0
25
mV
Line Regulation
5.5 V < VSUP < 27 V, IDD = 10 mA
LR2
-
10
25
mV
Load Regulation
1 mA < IIDD < 200 mA
LD
-
25
75
mV
Thermal stability
VSUP = 13.5 V, I = 100 mA
THERMS
-
5.0
-
mV
V2 REGULATOR (V2) (17)
V2 Output Voltage
I2 from 2.0 to 200 mA
5.5 V < VSUP < 27 V
V2
0.99
1.0
1.01
VDD1
I2 output current (for information only)
Depending on the external ballast transistor
I2
200
-
-
mA
V2 CTRL sink current capability
I2CTRL
10
-
-
mA
V2LOW flag threshold
V2LTH
3.75
4.0
4.25
V
Internal V2 Supply Current (CAN and SBC in Normal
Mode). TX = 5.0 V, CAN in Recessive State
IV2RS
3.8
5.6
6.8
mA
Internal V2 Supply Current (CAN and SBC in Normal
Mode). TX = 0.0 V, No Load, CAN in Dominant State
IV2DS
4.0
5.8
7.0
mA
Internal V2 Supply Current (CAN in Receive Only Mode,
SBC in Normal mode). VSUP = 12 V
IV2R
80
120
µA
Internal V2 Supply Current (CAN in Bus TermVbat mode,
SBC in normal mode), VSUP = 12 V
IV2BT
35
60
µA
Notes
15.
Selectable by SPI
16.
Guaranteed by design
17.
V2 TRACKING VOLTAGE REGULATOR - V2 specification with external capacitor
- option 1: C
≥ 22 µF and ESR < 10 ohm. Using a resistor of 2 kohm or less between the base and emitter of the external PNP is
recommended.
- option2: 1.0
µF < C < 22 µF and ESR < 10 ohm. In this case depending on the ballast transistor gain an additional resistor and
capacitor network between emitter and base of PNP ballast transistor might be required. Refer to Freescale application information
or contact your local technical support.
- option 3: 10uF < C < 22uF ESR > 0.2 ohms: a resistor of 2 kohm or less is required between the base and emitter of the external PNP.
Table 4. Static Electrical Characteristics (continued).
Characteristics noted under conditions - VSUP From 5.5 V to 18 V and TJ from -40°C to 125°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Description
Symbol
Min
Typ
Max
Unit


Số phần tương tự - MCZ33889DEG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33889DEG/R2 FREESCALE-MCZ33889DEG/R2 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
More results

Mô tả tương tự - MCZ33889DEG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
   System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com