công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33889BEGR2 bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33889BEGR2
Giải thích chi tiết về linh kiện  System Basis Chip with Low Speed Fault Tolerant CAN Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33889BEGR2 bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCZ33889BEGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33889BEGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33889BEGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33889BEGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33889BEGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33889BEGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33889BEGR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33889BEGR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33889BEGR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33889
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Supply Fail Flag internal threshold
VTHRESH
1.5
3.0
4.0
V
Supply Fail Flag hysteresis (12)
VDETHYST
-
1.0
-
V
Battery fall early warning threshold
In normal & standby mode
BFEW
5.8
6.1
6.4
V
Battery fall early warning hysteresis
In normal & standby mode (12)
BFEWH
0.1
0.2
0.3
V
OUTPUT PIN (VDD1) (13)
VDD1 Output Voltage
IDD1 from 2.0 to 200mA
5.5 V < VSUP < 27 V
4.5 V < VSUP < 5.5 V
VDD1OUT
4.9
4.0
5.0
-
5.1
-
V
Drop Voltage VSUP > VDDOUT
IDD1 = 200 mA
VDD1DROP
-
0.2
0.5
V
Drop Voltage VSUP > VDDOUT, limited output current
IDD1 = 50 mA
4.5 V < VSUP < 27 V
VDD1DP2
-
0.1
0.25
V
IDD1 Output Current
Internally limited
IDD1
200
270
350
mA
VDD1 Output Voltage in stop mode
Iout < 2.0 mA
VDDSTOP
4.75
5.00
5.25
V
IDD1 stop output current to wake-up SBC
Default value after reset. (14)
IDD1S-WU1
2.0
3.5
6.0
mA
IDD1 stop output current to wake-up SBC (14)
IDD1S-WU2
10
14
18
mA
IDD1 over current wake deglitcher
(with IDD1S-WU1 selected) (12)
IDD1-DGIT11
40
55
75
µs
IDD1 over current wake deglitcher
(with IDD1S-WU2 selected) (12)
IDD1-DGIT2
-
150
-
µs
Thermal Shutdown
Normal or standby mode
TSD
160
-
190
°C
Over temperature pre warning
VDDTEMP bit set
TPW
130
-
160
°C
Temperature Threshold difference
TSD-TPW
20
-
40
°C
Notes
12.
Guaranteed by design
13.
IDD1 is the total regulator output current. VDD specification with external capacitor C ≥ 22µF and ESR < 1O ohm.
14.
Selectable by SPI
Table 4. Static Electrical Characteristics (continued).
Characteristics noted under conditions - VSUP From 5.5 V to 18 V and TJ from -40°C to 125°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Description
Symbol
Min
Typ
Max
Unit


Số phần tương tự - MCZ33889BEGR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33889BEG/R2 FREESCALE-MCZ33889BEG/R2 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
More results

Mô tả tương tự - MCZ33889BEGR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
   System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com