công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33880DWBR2 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC33880DWBR2
Giải thích chi tiết về linh kiện  Configurable Octal Serial Switch with Serial Peripheral Interface I/O
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33880DWBR2 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC33880DWBR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33880DWBR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33880DWBR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33880DWBR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33880DWBR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33880DWBR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33880DWBR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33880DWBR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33880DWBR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33880
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 98ASB42345B SOICW 28-Pin Connections
Table 1. SOICW 28-Pin Definitions
Pin
Number
Pin Name
Definition
1
GND
Digital ground.
2
VDD
Logic supply voltage. Logic supply must be switched off for low current mode (VDD below 3.9 V).
3, 4
S8
Output 8 MOSFET source pins.
5
D8
Output 8 MOSFET drain pin.
6
S2
Output 2 MOSFET source pin.
7
D2
Output 2 MOSFET drain pin.
8
S1
Output 1 MOSFET source pin.
9
D1
Output 1 MOSFET drain pin.
10
D6
Output 6 MOSFET drain pin.
11
S6
Output 6 MOSFET source pin.
12
IN6
PWM direct control input pin for output 6. IN6 is “OR” with SPI bit.
13
EN
Enable input. Allows control of outputs. Active high.
14
SCLK
SPI control clock input pin.
15
DI
SPI control data input pin from MCU to the 33880. Logic [1] activates output.
16
CS
SPI control chip select input pin from MCU to the 33880. Logic [0] allows data to be transferred in.
17
IN5
PWM direct control input pin for output 5. IN5 is “OR” with SPI bit.
18
S5
Output 5 MOSFET source pin.
19
D5
Output 5 MOSFET drain pin.
20
D3
Output 3 MOSFET drain pin.
21
S3
Output 3 MOSFET source pin.
22
D4
Output 4 MOSFET drain pin.
23
S4
Output 4 MOSFET source pin.
24
D7
Output 7 MOSFET drain pin.
25, 26
S7
Output 7 MOSFET source pins.
27
VPWR
Power supply pin to the 33880. VPWR has internal reverse battery protection.
28
DO
SPI control data output pin from the 33880 to the MCU. DO = 0 no fault, DO = 1 specific output has fault.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
28
27
26
25
24
23
22
21
20
19
18
17
16
DO
VPWR
S7
S7
D7
S4
D4
S3
D3
D5
S5
IN5
CS
DI
GND
VDD
S8
S8
D8
S2
D2
S1
D1
D6
S6
IN6
EN
SCLK


Số phần tương tự - MC33880DWBR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33880DWBR2 FREESCALE-MC33880DWBR2 Datasheet
760Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results

Mô tả tương tự - MC33880DWBR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33880 FREESCALE-33880_08 Datasheet
760Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
   CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291L FREESCALE-33291L Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com