công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33742EGR2 bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33742EGR2
Giải thích chi tiết về linh kiện  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33742EGR2 bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCZ33742EGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33742
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 5. Static Electrical Characteristics
Characteristics noted under conditions 4.75 V
≤ V2 ≤ 5.25 V, 5.5 V ≤ VSUP ≤ 18 V, and -40°C ≤ TA ≤ 125°C. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
INPUT PIN (VSUP)
Supply Voltage
Nominal DC Voltage
Extended DC Voltage: Full Functionality (8)
Extended DC Voltage: Reduced Functionality (9)
Load Dump
Jump Start
VSUP
5.5
18
4.5
18
27
5.5
40
27
V
Supply Current in Standby Mode (10)
(IOUT at VDD = 40 mA, CAN Recessive or Sleep Mode)
TA ≥ 25°C
ISUP(STDBY)
42
45
mA
Supply Current in Normal Mode (10)
(IOUT at VDD = 40 mA, CAN Recessive or Sleep Mode)
TA ≥ 25°C
ISUP(NORM)
42
45
mA
Supply Current in Sleep Mode (10)
(VDD and V2 OFF, CAN in Sleep Mode with CAN Wake-Up Disabled (11))
VSUP < 13.5 V, Oscillator Running (12)
VSUP < 13.5 V, Oscillator Not Running (13)
VSUP = 18 V, Oscillator Running (12)
ISUP(SLP-WD)
85
53
110
105
80
140
µA
Supply Current in Sleep Mode (10)
(V1 and V2 OFF, VSUP < 13.5 V, Oscillator Not Running (13), CAN in Sleep
Mode with Wake-Up Enabled)
TA = -40°C
TA = 25°C
TA = 125°C
ISUP(SLP-WE)
80
65
55
µA
Supply Current in Stop Mode (10)
(IOUT at VDD < 2.0 mA, VDD ON, CAN in Sleep Mode with Wake-Up
Disabled (11))
VSUP < 13.5 V, Oscillator Running (12)
VSUP < 13.5 V, Oscillator Not Running (13)
VSUP = 18 V, Oscillator Running (12)
ISUP(STOP-WD)
80
100
160
160
210
µA
Notes
8.
All functions and modes available and operating: Watchdog, HS turn ON/turn OFF, CAN transceiver operating, L0:L3 inputs operating,
normal SPI operation. The 33742 may experience an over temperature fault.
9.
At VDD > 4.0 V, RST HIGH if reset 2 selected via SPI. The logic HIGH level will be degraded but the 33742 is functional.
10.
Current measured at VSUP pin.
11.
If CAN Module is Sleep-Enabled for wake-up, an additional current (ICAN-SLEEP) must be added to specified value.
12.
Oscillator running means one of the following function is active: Forced Wake-Up or Cyclic Sense or Software Watchdog in Stop mode.
13.
Oscillator not running means none of the following functions are active: Forced Wake-Up and Cyclic Sense and Software Watchdog in
Stop mode.


Số phần tương tự - MCZ33742EGR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33742EGR2 FREESCALE-MCZ33742EGR2 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
More results

Mô tả tương tự - MCZ33742EGR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Freescale Semiconductor...
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com