công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33742EGR2 bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33742EGR2
Giải thích chi tiết về linh kiện  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33742EGR2 bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCZ33742EGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33742
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Figure 5. Transient Test Setup for L0:L3 Inputs
Figure 6. Transient Test Setup for CANH/CANL
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-40 to 125
-40 to 150
°C
Storage Temperature
TSTG
-55 to 165
°C
Thermal Resistance
RθJG
20
°C/W
Thermal Resistance Junction Case (QFN)
RTJC-RθJC
TBD
°C/W
Power Dissipation (4)
PD
1.0
W
Peak Package Reflow Temperature During Reflow (6), (7)
TPPRT
Note 7
°C
Notes
4.
Maximum power dissipation is at 85°C ambient temperature in free aIr and with no heatsink, according to JEDEC JESD51-2 and
JESD51-3 specifications.
5.
The package is not designed for immersion soldering. The maximum soldering time is 10 seconds at 240
°C on any pin. Exceeding the
maximum temperature and time limits may cause permanent damage to the device.
6.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
7.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.
Table 4. Maximum Ratings (continued)
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Rating
Symbol
Value
Unit
Lx
Transient Pulse
GND
Generator
1.0 nF
(Note)
10 k
Note
Waveform per ISO 7637-1. Test Pulses 1, 2, 3a, and 3b.
GND
33742
CANH
CANL
Transient Pulse
GND
GND
Generator
1.0 nF
1.0 nF
(Note)
Note
Waveform per ISO 7637-1. Test Pulses 1, 2, 3a, and 3b.
33742


Số phần tương tự - MCZ33742EGR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33742EGR2 FREESCALE-MCZ33742EGR2 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
More results

Mô tả tương tự - MCZ33742EGR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Freescale Semiconductor...
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com