công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33696FJER2 bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MC33696FJER2
Giải thích chi tiết về linh kiện  PLL Tuned UHF Transceiver for Data Transfer Applications
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33696FJER2 bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MC33696FJER2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33696FJER2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33696FJER2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33696FJER2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33696FJER2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33696FJER2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33696FJER2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33696FJER2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33696FJER2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
MC33696 Data Sheet, Rev. 9
Pin Functions
Freescale Semiconductor
4
3
Pin Functions
Table 1. Pin Functions
Pin
Name
Description
1
RSSIOUT
RSSI analog output
2
VCC2RF
2.1 V to 2.7 V internal supply for LNA
3
RFIN
RF input
4
GNDLNA
Ground for LNA (low noise amplifier)
5
VCC2VCO
2.1 V to 2.7 V internal supply for VCO
6
GNDPA1
PA ground
7
RFOUT
RF output
8
GNDPA2
PA ground
9
XTALIN
Crystal oscillator input
10
XTALOUT
Crystal oscillator output
11
VCCINOUT
2.1 V to 3.6 V power supply/regulator output
12
VCC2OUT
2.1 V to 2.7 V voltage regulator output for analog and RF modules
13
VCCDIG
2.1 V to 3.6 V power supply for voltage limiter
14
VCCDIG2
1.5 V voltage limiter output for digital module
15
RBGAP
Reference voltage load resistance
16
GND
General ground
17
GNDDIG
Digital module ground
18
RSSIC
RSSI control input
19
DATACLK
Data clock output to microcontroller
20
CONFB
Configuration mode selection input
21
MISO
Digital interface I/O
22
MOSI
Digital interface I/O
23
SCLK
Digital interface clock I/O
24
SEB
Digital interface enable input
25
GNDIO
Digital I/O ground
26
VCCIN
2.1 V to 3.6 V or 5.5 V input
27
NC
No connection
28
STROBE
Strobe oscillator capacitor or external control input
29
GNDSUBD
Ground
30
VCC2IN
2.1 V to 2.7 V power supply for analog modules for decoupling capacitor
31
SWITCH
RF switch control output
32
GND
General ground


Số phần tương tự - MC33696FJER2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC33696FJER2 NXP-MC33696FJER2 Datasheet
1Mb / 80P
   PLL Tuned UHF Transceiver for Data Transfer Applications
Rev. 12, 02/2010
More results

Mô tả tương tự - MC33696FJER2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC33696 NXP-MC33696 Datasheet
1Mb / 80P
   PLL Tuned UHF Transceiver for Data Transfer Applications
Rev. 12, 02/2010
logo
Freescale Semiconductor...
MC33696 FREESCALE-MC33696_10 Datasheet
1,008Kb / 80P
   PLL Tuned UHF Transceiver for Data Transfer Applications
logo
Motorola, Inc
MC33492 MOTOROLA-MC33492 Datasheet
849Kb / 16P
   PLL Tuned UHF Transmitter for Data Transfer Applications
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33591 NXP-MC33591 Datasheet
798Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33594 NXP-MC33594 Datasheet
727Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33596 NXP-MC33596 Datasheet
1Mb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com