công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC33596FJE bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc |
|
MC33596FJE bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc |
11 / 58 page Register Access through SPI MC33596 Data Sheet, Rev. 3 Freescale Semiconductor 11 R/W specifies the type of operation: 0=Read 1=Write Thus, this bit is associated with the presence of information on MOSI (when writing) or MISO (when reading). Figure 4 and Figure 5 show write and read operations in a typical SPI transfer. In both cases, the SPI is a slave. A received byte is considered internally on the eighth falling edge of SCLK. Consequently, the last received bits, which do not form a complete byte, are lost. NOTE A low level applied to CONFB does not affect the configuration register contents. Figure 4. Write Operation in Configuration Mode (N[1:0] = 01) Figure 5. Read Operation in Configuration Mode (N[1:0] = 01) 10.3 Configuration Switching This feature allows for defining two different configurations using two different banks, and for switching them automatically during wakeup when using a strobe oscillator, or by means of the strobe pin actuation by the MCU. SEB CONFB SCLK (Input) MOSI (Input) MISO (Output) D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 N1 N0 A4 A3 A2 A1 A0 R/W SEB CONFB SCLK (Input) MOSI (Input) MISO (Output) D7 D6 D5 D4 D3 D2 D1 D0 N1 N0 A4 A3 A2 A1 A0 R/W D7 D6 D5 D4 D3 D2 D1 D0 |
Số phần tương tự - MC33596FJE |
|
Mô tả tương tự - MC33596FJE |