công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33287R2 bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33287R2
Giải thích chi tiết về linh kiện  Contact Monitoring and Dual Low-Side Protected Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33287R2 bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc

  MCZ33287R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33287R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33287R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33287R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33287R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33287R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33287R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33287R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33287R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33287
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 7.0 V
≤ V
DD1 ≤ 18 V, 4.75 V ≤ VDD2 ≤ 5.25 V, -40°C ≤ TA ≤ 125°C, unless otherwise
noted. Extended limit is 5.0 V
≤ V
DD1 ≤ 7.0 V and other parameters are full specification in this mode. Inputs IN1–IN7 and low-
side drivers are still functional with down-graded characteristics.
Characteristic
Symbol
Min
Typ
Max
Unit
SUPPLY VOLTAGE (VDD1 AND VDD2 PINS)
Operational Supply Voltage
Full Specification
Extend Limit
VDD1
7.0
5.0
12
18
7.0
V
Operational Supply Voltage (Full Specification)
VDD2
4.75
V
Supply Current Standby Mode(5)
VDD1 ≤ 14 V
VCD1 = VDD2, VCD2 = 0 V
IVDD1-0
IVDD2-0
55
110
10
µA
Supply Current in Drivers on Configuration (Full Specification)(5)
VCD1 = 0 V
VCD2 = VDD2
IVDD1-1
IVDD2-1
250
650
1500
1500
µA
OUTPUT DRIVERS CHARACTERISTICS (OUTD1 AND OUTD2 PINS)
Output Resistance (Full Specification and TJ ≤ 130°C)
RDS(ON)
1.40
3.20
Output Resistance (Extent Limit and TJ ≤ 130°C)
RDS(ON)
5.0
Leakage Current (Internal Current Source)
ILEAK
1.0
13
µs
PROTECTION AND LEVEL DETECTION (OUTD1 AND OUTD2 PINS)
Positive Output Clamp
VCLAMP
40
50
60
V
Output Current Limitation (130°C
≥ T
J)
ILIM
300
535
750
mA
Output Fault Detector Level
VFAULT
2.0
2.75
3.5
V
Overtemperature Detection (at 25°C by Function Simulation)
TDETEC
145
160
175
°C
INPUTS (CD1 AND CD2 PINS)
Input Voltage Low
VIL
4.0 x VDD2
V
Input Voltage High
VIH
8.0 x VDD2
V
Hysteresis
VHST
500
800
mV
Input Current on Pin CD1 (Internal Pull-Up and CD1 Connected to Ground)
ICD1
-100
-30
-10
µA
Leakage Current on Pin CD1 (Internal Pull-Up Connected to VDD2)
ILEAK
-5.0
5.0
µA
Input Current on Pin CD2 (Internal Pull Down CD2 Connected to VDD2)
ICD2
10
30
100
µA
Leakage Current on Pin CD2 (Internal Pull-Up CD1 Connected to Ground)
ILEAK
-5.0
5.0
µA
Notes
5
All INn and ADn inputs are connected to ground.


Số phần tương tự - MCZ33287R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33285EF FREESCALE-MCZ33285EF Datasheet
317Kb / 13P
   Dual High-Side TMOS Driver
MCZ33285EFR2 FREESCALE-MCZ33285EFR2 Datasheet
317Kb / 13P
   Dual High-Side TMOS Driver
More results

Mô tả tương tự - MCZ33287R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33287 MOTOROLA-MC33287 Datasheet
360Kb / 9P
   Contact Monitoring and Dual Low Side Protected Driver
logo
ON Semiconductor
NCV8402D ONSEMI-NCV8402D_16 Datasheet
95Kb / 11P
   Dual Self-Protected Low-Side Driver
July, 2016 ??Rev. 3
NCV8402D ONSEMI-NCV8402D Datasheet
152Kb / 10P
   Dual Self-Protected Low-Side Driver with Temperature and Current Limit
Octtober, 2009 ??Rev. 0
NCV8402AD ONSEMI-NCV8402AD Datasheet
124Kb / 10P
   Dual Self-Protected Low-Side Driver with Temperature and Current Limit
November, 2011 ??Rev. 1
NCV8406DD ONSEMI-NCV8406DD Datasheet
134Kb / 10P
   Dual Self-Protected Low Side Driver with Temperature and Current Limit
August, 2023 - Rev. 0
NCV8401A ONSEMI-NCV8401A Datasheet
97Kb / 10P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 12
NCV8402 ONSEMI-NCV8402_16 Datasheet
114Kb / 13P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 21
NCV8406A ONSEMI-NCV8406A Datasheet
113Kb / 12P
   Self-Protected Low Side Driver
March, 2017 ??Rev. 6
NCV8403A ONSEMI-NCV8403A Datasheet
112Kb / 12P
   Self-Protected Low Side Driver
September, 2016 ??Rev. 8
NCV8406 ONSEMI-NCV8406 Datasheet
115Kb / 12P
   Self-Protected Low Side Driver
November, 2015 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com