công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33287DW bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC33287DW
Giải thích chi tiết về linh kiện  Contact Monitoring and Dual Low-Side Protected Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33287DW bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC33287DW Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33287DW Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33287DW Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33287DW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33287DW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33287DW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33287DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33287DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33287DW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33287
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33287 Pin Connections
Table 1. 33287 Pin Definitions
Pin Number
Pin Name
Formal Name
Definition
1, 20
VDD1, VDD2
Voltage Power
These are high-voltage power supply 5.0 V pins (VBAT).
5, 4, 3, 2,
19, 18, 17,
16
IN0 – IN7
Input 0 – 7
These are high-voltage input pins.
6, 7, 8
AD0 – AD2
Address
These pins are the addresses for mode and input selection.
9, 11
OUTD1,
OUTD2
Output Drain
These two are output driver pins (drain).
10
GND
Ground
This pin in the ground for the logic and analog circuitry of the device.
12, 13
CD1, CD2
Command Driver
These are the two driver command pins.
14
OUT1
Output 1
This is the output (multiplexed Output 1 = 0 to 6.0 V for IN0 to IN6 and DIAGD1 or
DIAGD2) and DIAGD2 pins.
15
OUT7
Output 7
This is the direct output from IN7 pin.
VDD1
IN2
AD1
AD2
OUTD1
GND
IN1
IN0
AD0
IN3
VDD2
IN6
IN7
OUT7
OUT1
CD1
CD2
OUTD2
IN4
IN5
4
5
6
7
8
9
10
2
3
20
18
14
13
12
11
17
16
15
19
1


Số phần tương tự - MC33287DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33287DW MOTOROLA-MC33287DW Datasheet
360Kb / 9P
   Contact Monitoring and Dual Low Side Protected Driver
More results

Mô tả tương tự - MC33287DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33287 MOTOROLA-MC33287 Datasheet
360Kb / 9P
   Contact Monitoring and Dual Low Side Protected Driver
logo
ON Semiconductor
NCV8402D ONSEMI-NCV8402D_16 Datasheet
95Kb / 11P
   Dual Self-Protected Low-Side Driver
July, 2016 ??Rev. 3
NCV8402D ONSEMI-NCV8402D Datasheet
152Kb / 10P
   Dual Self-Protected Low-Side Driver with Temperature and Current Limit
Octtober, 2009 ??Rev. 0
NCV8402AD ONSEMI-NCV8402AD Datasheet
124Kb / 10P
   Dual Self-Protected Low-Side Driver with Temperature and Current Limit
November, 2011 ??Rev. 1
NCV8406DD ONSEMI-NCV8406DD Datasheet
134Kb / 10P
   Dual Self-Protected Low Side Driver with Temperature and Current Limit
August, 2023 - Rev. 0
NCV8401A ONSEMI-NCV8401A Datasheet
97Kb / 10P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 12
NCV8402 ONSEMI-NCV8402_16 Datasheet
114Kb / 13P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 21
NCV8406A ONSEMI-NCV8406A Datasheet
113Kb / 12P
   Self-Protected Low Side Driver
March, 2017 ??Rev. 6
NCV8403A ONSEMI-NCV8403A Datasheet
112Kb / 12P
   Self-Protected Low Side Driver
September, 2016 ??Rev. 8
NCV8406 ONSEMI-NCV8406 Datasheet
115Kb / 12P
   Self-Protected Low Side Driver
November, 2015 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com