công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13212R2 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC13212R2
Giải thích chi tiết về linh kiện  ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13212R2 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC13212R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13212R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13212R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13212R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13212R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13212R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13212R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13212R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13212R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
MC13211/212/213 Technical Data, Rev. 1.2
Freescale Semiconductor
3
1.1
Ordering Information
Table 1 provides additional details about the MC1321x family.
1.2
General Platform Features
802.15.4 Standard compliant on-chip transceiver/modem
— 2.4GHz
— 16 selectable channels
— Programmable output power
Multiple power saving modes
2V to 3.4V operating voltage with on-chip voltage regulators
-40°C to +85°C temperature range
Low external component count
Supports single 16 MHz crystal clock source operation or dual crystal operation
Support for SMAC, 802.15.4 Standard, and ZigBee software
9mm x 9mm x 1mm 71-pin LGA
Table 1. Orderable Parts Details
Device
Operating
Temp Range
(TA.)
Package
Memory
Options
Description
MC13211
-40° to 85° C
LGA
1KB RAM,
16KB Flash
Intended for proprietary applications and Freescale
Simple MAC (SMAC)
MC13211R2
-40° to 85° C
LGA
Tape and Reel
1KB RAM,
16KB Flash
Intended for proprietary applications and Freescale
Simple MAC (SMAC)
MC13212
-40° to 85° C
LGA
2KB RAM,
32KB Flash
Intended for 802.15.4 Standard compliant applications
and Freescale 802.15.4 MAC
MC13212R2
-40° to 85° C
LGA
Tape and Reel
2KB RAM,
32KB Flash
Intended for 802.15.4 Standard compliant applications
and Freescale 802.15.4 MAC
MC13213
-40° to 85° C
LGA
4KB RAM,
60KB Flash
Intended for 802.15.4 Standard compliant applications
and Freescale 802.15.4 MAC.
In addition, this device can support ZigBee 2006
applications that use Freescale’s BeeStack.
MC13213R2
-40° to 85° C
LGA
Tape and Reel
4KB RAM,
60KB Flash
Intended for 802.15.4 Standard compliant applications
and Freescale 802.15.4 MAC.
In addition, this device can support ZigBee 2006
applications that use Freescale’s BeeStack.


Số phần tương tự - MC13212R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC13212R2 FREESCALE-MC13212R2 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13212R2 FREESCALE-MC13212R2 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC13212R2 NXP-MC13212R2 Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
More results

Mô tả tương tự - MC13212R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V_09 Datasheet
347Kb / 50P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com