công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S12A256 bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S12A256
Giải thích chi tiết về linh kiện  microcontroller unit (MCU)
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12A256 bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC9S12A256 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S12A256 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S12A256 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S12A256 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S12A256 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S12A256 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S12A256 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S12A256 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S12A256 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
MC9S12A256 Device Guide — V01.01
Section 7 Clock and Reset Generator (CRG) Block Description
7.1
Device-Specific Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
7.1.1
XCLKS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
Section 8 Enhanced Capture Timer (ECT) Block Description
Section 9 Analog to Digital Converter (ATD) Block Description
Section 10 Inter-IC Bus (IIC) Block Description
Section 11 Serial Communications Interface (SCI) Block Description
Section 12 Serial Peripheral Interface (SPI) Block Description
Section 13 Pulse Width Modulator (PWM) Block Description
Section 14 Flash EEPROM 256K Block Description
Section 15 EEPROM 4K Block Description
Section 16 RAM Block Description
Section 17 Port Integration Module (PIM) Block Description
Section 18 Voltage Regulator (VREG) Block Description
Appendix A Electrical Characteristics
A.1
General. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .57
A.1.1
Parameter Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
A.1.2
Power Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
A.1.3
Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
A.1.4
Current Injection. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
A.1.5
Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
A.1.6
ESD Protection and Latch-up Immunity . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
A.1.7
Operating Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
A.1.8
Power Dissipation and Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
A.1.9
I/O Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
A.1.10
Supply Currents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC9S12A256

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC9S12A256 MOTOROLA-MC9S12A256 Datasheet
2Mb / 130P
   MC9S12DT256 Device User Guide V03.03
logo
Freescale Semiconductor...
MC9S12A256 FREESCALE-MC9S12A256 Datasheet
781Kb / 132P
   Device User Guide V03.07
MC9S12A256 FREESCALE-MC9S12A256 Datasheet
787Kb / 132P
   Device User Guide V03.07
MC9S12A256B FREESCALE-MC9S12A256B Datasheet
3Mb / 126P
   device made up of standard HCS12 blocks and the HCS12 processor core
MC9S12A256CFU FREESCALE-MC9S12A256CFU Datasheet
2Mb / 130P
   Microcontroller Unit (MCU)
More results

Mô tả tương tự - MC9S12A256

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC9S12B128 MOTOROLA-MC9S12B128 Datasheet
1Mb / 128P
   microcontroller unit (MCU)
logo
Freescale Semiconductor...
MC9S12DT256 FREESCALE-MC9S12DT256 Datasheet
2Mb / 130P
   Microcontroller Unit (MCU)
MC9S12DP512 FREESCALE-MC9S12DP512 Datasheet
2Mb / 124P
   Microcontroller Unit (MCU)
logo
Motorola, Inc
MC9S12A128 MOTOROLA-MC9S12A128 Datasheet
712Kb / 92P
   Microcontroller unit (MCU)
logo
Renesas Technology Corp
H83003 RENESAS-H83003 Datasheet
1Mb / 715P
   microcontroller (MCU)
HD6413003RF RENESAS-HD6413003RF Datasheet
1Mb / 715P
   Microcontroller (MCU)
logo
Hitachi Semiconductor
HD6805V1 HITACHI-HD6805V1 Datasheet
609Kb / 21P
   MCU MICROCOMPUTER UNIT
HD65901 HITACHI-HD65901 Datasheet
1Mb / 89P
   MCU(MICROCOMPUTER UNIT)
HD6801S0 HITACHI-HD6801S0 Datasheet
1Mb / 35P
   MCU ( MICROCOMPUTER UNIT )
HD6805W1 HITACHI-HD6805W1 Datasheet
879Kb / 28P
   MCU MICROCOMPUTER UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com