công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5726YRSZ-REEL bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD5726YRSZ-REEL
Giải thích chi tiết về linh kiện  Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5726YRSZ-REEL bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD5726YRSZ-REEL Datasheet HTML 4Page - Analog Devices AD5726YRSZ-REEL Datasheet HTML 5Page - Analog Devices AD5726YRSZ-REEL Datasheet HTML 6Page - Analog Devices AD5726YRSZ-REEL Datasheet HTML 7Page - Analog Devices AD5726YRSZ-REEL Datasheet HTML 8Page - Analog Devices AD5726YRSZ-REEL Datasheet HTML 9Page - Analog Devices AD5726YRSZ-REEL Datasheet HTML 10Page - Analog Devices AD5726YRSZ-REEL Datasheet HTML 11Page - Analog Devices AD5726YRSZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5726
Rev. 0 | Page 8 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AVDD 1
VOUTD 2
VOUTC 3
VREFN 4
CLRSEL
16
CLR
15
LDAC
14
NC
13
VREFP 5
VOUTB 6
VOUTA 7
CS
12
SCLK
11
SDIN
10
AVSS 8
GND
9
NC = NO CONNECT
TOP VIEW
(Not to Scale)
AD5726
Figure 5. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
AVDD
Positive Analog Supply Pin. Voltage ranges from 5 V to 15 V
2
VOUTD
Buffered Analog Output Voltage of DAC D.
3
VOUTC
Buffered Analog Output Voltage of DAC C.
4
VREFN
Negative DAC Reference Input. The voltage applied to this pin defines the zero-scale output.
Allowable range is AVSS to VREFP − 2.5 V.
5
VREFP
Positive DAC Reference Input. The voltage applied to this pin defines the full-scale output voltage.
Allowable range is AVDD − 2.5 V to VREFN + 2.5 V.
6
VOUTB
Buffered Analog Output Voltage of DAC B.
7
VOUTA
Buffered Analog Output Voltage of DAC A.
8
AVSS
Negative Analog Supply Pin. Voltage ranges from 0 V to −15 V.
9
GND
Ground Reference Pin.
10
SDIN
Serial Data Input. Data must be valid on the rising edge of SCLK. This input is ignored when CS is high.
11
SCLK
Serial Clock Input. Data is clocked into the input register on the rising edge of SCLK.
12
CS
Active Low Chip Select Pin. This pin must be active for data to be clocked in. This pin is logically OR’ed with
the SCLK input and disables the serial data input when high.
13
NC
No Internal Connection.
14
LDAC
Active Low, Asynchronous Load DAC Input. The data currently contained in the serial input register is
transferred out to the DAC data registers on the falling edge of LDAC, independent of CS. Input data must
remain stable while LDAC is low.
15
CLR
Active Low Input. Sets input register and DAC registers to zero-scale (0x000) or midscale (0x800),
depending on the state of CLRSEL. The data in the serial input register is unaffected by this control.
16
CLRSEL
Determines the action of CLR. If high, a clear command sets the internal DAC registers to midscale (0x800).
If low, the registers are set to zero (0x000).


Số phần tương tự - AD5726YRSZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD572 AD-AD572 Datasheet
429Kb / 7P
   12-BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. A
AD572 AD-AD572 Datasheet
1Mb / 8P
   12-Bit Successive Approximation Integrated Circuit A/D Converter
Rev. B
AD5721 AD-AD5721 Datasheet
1Mb / 31P
   Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
AD5721BCPZ-RL7 AD-AD5721BCPZ-RL7 Datasheet
1Mb / 31P
   Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
AD5721BRUZ AD-AD5721BRUZ Datasheet
1Mb / 31P
   Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
More results

Mô tả tương tự - AD5726YRSZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5725 AD-AD5725_15 Datasheet
493Kb / 20P
   Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC
REV. C
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5734 AD-AD5734_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724 AD-AD5724 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5724 AD-AD5724_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724R AD-AD5724R Datasheet
301Kb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
Rev. PrC
AD5724 AD-AD5724_17 Datasheet
1Mb / 31P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
AD5724R AD-AD5724R_17 Datasheet
1Mb / 33P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com