công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA01303 bảng dữ liệu(PDF) 2 Page - Mitsubishi Electric Semiconductor

tên linh kiện BA01303
Giải thích chi tiết về linh kiện  Triple Band(EGSM900/DCS1800/PCS1900) InGaP HBT Front-end module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BA01303 bảng dữ liệu(HTML) 2 Page - Mitsubishi Electric Semiconductor

  BA01303 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BA01303 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BA01303 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MITSUBISHI SEMICONDUCTOR <InGaP Module>
BA01303
Triple Band(EGSM900/DCS1800/PCS1900) InGaP HBT Front-end module
ABSOLUTE MAXIMUM RATINGS (Ta=25deg.C)
Symbol
Parameter
Ratings
Unit
Vc
Supply voltage
7
V
Vpc
Power control voltage
3
V
Vband
External voltage for band select
3
V
Pin
Input power
10
dBm
Tc(op)
Operating case temperature
-30 - +85
deg.C
Tstg
Storage temperature
-40 - +100
deg.C
Note: Each maximum rating is guaranteed independently under pulse operation (duty cycle 4:8).
ELECTRICAL CHARACTERISTICS (Ta=25deg.C)
(Tx mode) Vc=3.5V, Po=33/30dBm, Pin=3dBm, Vcont(1/2)=2.6V, Vpc<2.6V, Duty cycle 2:8
Limits
Parameter
Symbol
Condition
MIN
TYP
MAX
Unit
EGSM
880
-
915
Frequency range(Tx)
f
DCS/PCS
1710
-
1910
MHz
Supply voltage
Vc
3.1
3.5
4.5
V
EGSM
33.0
33.5
-
Output power
Po
Vc=3.5V,Vpc=2.6V
Pin=3dBm,Vcont=2.6V
DCS/PCS
30.0
30.5
-
dBm
EGSM
38
43
-
Efficiency
Eff
DCS/PCS
30
35
-
%
Control voltage range
Vpc
0.2
-
2.6
V
Power control current
Ipc
-
4.0
5.5
mA
Band select current
Iband
Vband=2.6V
-
0.7
1.2
mA
2 - 14fo
EGSM
-
-
-33
2 - 7fo
DCS
-
-
-33
Harmonics
2 - 6fo
PCS
-
-
-33
dBm
Leakage current
Ileak
Vc=4.5V,Vpc=0V
No input power
-
10
40
uA
EGSM
18.5
20.0
21.5
Coupling value
Pm
DCS/PCS
12.5
14.0
15.5
dBc
Rx(EGSM) port
-
-
15
Isolation for Rx
Prx
Rx(DCS/PCS) port
-
-
13
dBm
Isolation 1
Iso1
Vpc=0V,Vcont=2.6V
-
-
-38
dBm
Isolation 2
Iso2
Vpc=0V,Vcont=0V
-
-
-50
dBm
EGSM(@935MHz)
-
-
-82
Rx noise power
Np
DCS/PCS
-
-
-75
dBm/
100kH
Switching time
ts
-
-
2
usec
Stability
OSC
Vc=3.5V , Vpc=0.2 - 2.6V
Load VSWR=10:1 (all phase)
No oscillation
more than -36dBm
EGSM
925
-
960
DCS
1805
-
1880
Frequency range(Rx)
f
PCS
1930
-
1990
MHz
Vcont1,2,3=0V
EGSM
-
1.1
1.3
Vcont1,2,3=0V
DCS
-
1.3
1.5
Insertion loss (Rx)
IL
Vcont1,2=0V, Vcont3=2.6V
PCS
-
1.3
1.5
dB
Jan./2004
(2/3)


Số phần tương tự - BA01303

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mitsubishi Electric Sem...
BA01202 MITSUBISHI-BA01202 Datasheet
49Kb / 1P
   GaAs HBT HYBRID IC(N-CDMA hand set)
BA01203 MITSUBISHI-BA01203 Datasheet
56Kb / 1P
   GaAs HBT HYBRID IC(CDMA/AMPS handheld-phone)
BA01207 MITSUBISHI-BA01207 Datasheet
27Kb / 1P
   GaAs HBT HYBRID IC
BA01232 MITSUBISHI-BA01232 Datasheet
19Kb / 1P
   The BA01232 is GaAs RF amplifier designed for W-CDMA hand-held phone
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
   Electromagnetic flowmeter
2022-06-01
More results

Mô tả tương tự - BA01303

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
RF Micro Devices
RF7161 RFMD-RF7161 Datasheet
871Kb / 20P
   QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
logo
National Semiconductor ...
LMX2604 NSC-LMX2604 Datasheet
268Kb / 14P
   Triple-band VCO for GSM900/DCS1800/PCS1900
logo
Skyworks Solutions Inc.
CX77301 SKYWORKS-CX77301 Datasheet
522Kb / 14P
   PA Module Dual-band EGSM900 DCS1800 / GPRS
logo
NXP Semiconductors
BGY284 PHILIPS-BGY284 Datasheet
241Kb / 23P
   Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 & PCS1900
2003 Aug 20
BGY288 PHILIPS-BGY288 Datasheet
140Kb / 22P
   Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 and PCS1900
Rev. 01-2 February 2005
logo
Maxim Integrated Produc...
MAX2651 MAXIM-MAX2651 Datasheet
466Kb / 16P
   GSM900 and DCS1800/PCS1900 Dual-Band, Low-Noise Amplifiers
19-1506; Rev 1; 10/99
logo
Analog Devices
AD20MSP415 AD-AD20MSP415 Datasheet
66Kb / 8P
   GSM/DCS1800/PCS1900 Baseband Processing Chipset
REV. 0
logo
RF Micro Devices
RF5388 RFMD-RF5388 Datasheet
510Kb / 14P
   3.3V, DUAL-BAND FRONT-END MODULE
logo
Skyworks Solutions Inc.
SKY85812-11 SKYWORKS-SKY85812-11 Datasheet
176Kb / 2P
   Dual-Band 802.11ac Front-End Module
logo
RF Micro Devices
RF5924 RFMD-RF5924_1 Datasheet
243Kb / 14P
   3.7V, SINGLE-BAND FRONT-END MODULE
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com