công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST92124JDV1TC bảng dữ liệu(PDF) 79 Page - STMicroelectronics

tên linh kiện ST92124JDV1TC
Giải thích chi tiết về linh kiện  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92124JDV1TC bảng dữ liệu(HTML) 79 Page - STMicroelectronics

Back Button ST92124JDV1TC Datasheet HTML 75Page - STMicroelectronics ST92124JDV1TC Datasheet HTML 76Page - STMicroelectronics ST92124JDV1TC Datasheet HTML 77Page - STMicroelectronics ST92124JDV1TC Datasheet HTML 78Page - STMicroelectronics ST92124JDV1TC Datasheet HTML 79Page - STMicroelectronics ST92124JDV1TC Datasheet HTML 80Page - STMicroelectronics ST92124JDV1TC Datasheet HTML 81Page - STMicroelectronics ST92124JDV1TC Datasheet HTML 82Page - STMicroelectronics ST92124JDV1TC Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 429 page
background image
79/429
ST92F124/F150/F250 - REGISTER AND MEMORY MAP
8
MFT1
R240
REG0HR1
Capture Load Register 0 High
xx
202
R241
REG0LR1
Capture Load Register 0 Low
xx
202
R242
REG1HR1
Capture Load Register 1 High
xx
202
R243
REG1LR1
Capture Load Register 1 Low
xx
202
R244
CMP0HR1
Compare 0 Register High
00
202
R245
CMP0LR1
Compare 0 Register Low
00
202
R246
CMP1HR1
Compare 1 Register High
00
202
R247
CMP1LR1
Compare 1 Register Low
00
202
R248
TCR1
Timer Control Register
00
203
R249
TMR1
Timer Mode Register
00
204
R250
T_ICR1
External Input Control Register
00
205
R251
PRSR1
Prescaler Register
00
205
R252
OACR1
Output A Control Register
00
206
R253
OBCR1
Output B Control Register
00
207
R254
T_FLAGR1
Flags Register
00
207
R255
IDMR1
Interrupt/DMA Mask Register
00
209
9
R244
DCPR1
DMA Counter Pointer Register
xx
202
R245
DAPR1
DMA Address Pointer Register
xx
202
R246
T_IVR1
Interrupt Vector Register
xx
202
R247
IDCR1
Interrupt/DMA Control Register
C7
202
MFT0,1
R248
IOCR
I/O Connection Register
FC
211
MFT0
R240
DCPR0
DMA Counter Pointer Register
xx
209
R241
DAPR0
DMA Address Pointer Register
xx
210
R242
T_IVR0
Interrupt Vector Register
xx
210
R243
IDCR0
Interrupt/DMA Control Register
C7
211
10
R240
REG0HR0
Capture Load Register 0 High
xx
202
R241
REG0LR0
Capture Load Register 0 Low
xx
202
R242
REG1HR0
Capture Load Register 1 High
xx
202
R243
REG1LR0
Capture Load Register 1 Low
xx
202
R244
CMP0HR0
Compare 0 Register High
00
202
R245
CMP0LR0
Compare 0 Register Low
00
202
R246
CMP1HR0
Compare 1 Register High
00
202
R247
CMP1LR0
Compare 1 Register Low
00
202
R248
TCR0
Timer Control Register
00
203
R249
TMR0
Timer Mode Register
00
204
R250
T_ICR0
External Input Control Register
00
205
R251
PRSR0
Prescaler Register
00
205
R252
OACR0
Output A Control Register
00
206
R253
OBCR0
Output B Control Register
00
207
R254
T_FLAGR0
Flags Register
00
207
R255
IDMR0
Interrupt/DMA Mask Register
00
209
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9


Số phần tương tự - ST92124JDV1TC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST92124JDV1TC STMICROELECTRONICS-ST92124JDV1TC Datasheet
3Mb / 426P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
More results

Mô tả tương tự - ST92124JDV1TC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST92F124 STMICROELECTRONICS-ST92F124 Datasheet
3Mb / 426P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
ST92F120 STMICROELECTRONICS-ST92F120 Datasheet
1Mb / 320P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
ST92F120V9 STMICROELECTRONICS-ST92F120V9 Datasheet
3Mb / 324P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
September 2002 Rev. 2.6
logo
ATMEL Corporation
T89C51CC01 ATMEL-T89C51CC01 Datasheet
1Mb / 146P
   Enhanced 8-bit MCU with CAN controller and Flash
logo
STMicroelectronics
ST7FOXA0 STMICROELECTRONICS-ST7FOXA0 Datasheet
1Mb / 123P
   8-bit MCU with single voltage Flash memory
February 2008 Rev 3
logo
Holtek Semiconductor In...
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
STMicroelectronics
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
   16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
logo
Holtek Semiconductor In...
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
STMicroelectronics
ST7LITE49M STMICROELECTRONICS-ST7LITE49M Datasheet
1Mb / 188P
   8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I짼C interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com