công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZSAT600 bảng dữ liệu(PDF) 2 Page - Zetex Semiconductors |
|
ZSAT600 bảng dữ liệu(HTML) 2 Page - Zetex Semiconductors |
2 / 6 page ABSOLUTE MAXIMUM RATING Input voltage 20V Output Current(Io) 200mA Operating Temperature -55 to 125°C Storage Temperature -65 to 150°C Power Dissipation (Tamb=25°C) SOT223 3W(Note 3) TO92 600mW SO8 780mW(Note 3) ZSAT600 ELECTRICAL CHARACTERISTICS TEST CONDITIONS (Unless otherwise stated):Tj=25°C, IO=100mA, Vin=9V SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNITS V O Output Voltage 5.85 6 6.15 V IO=1 to 200mA Tj=-55 to 125°C 5.76 6.24 V Vin=8 to 20V IO=1 to 100mA Tj=-55 to 125°C 5.76 6.24 V ∆V O Line Regulation V in=8 to 20V 1040mV ∆V O Load Regulation I O=1 to 200mA IO=1 to 100mA 5 2 25 mV mV l q Quiescent Current Tj=-55 to 125°C 450 700 µA ∆l q Quiescent Current Change IO=1 to 200mA Vin=8 to 20V 60 100 µA µA V n Output Noise Voltage f=10Hz to 10KHz 90 µV rms ∆V in /∆VO Ripple Rejection Vin=10 to 18V f=120Hz-22KHz 62 dB ∆V in /∆VO Ripple Rejection Vin=10 to 18V f=200KHz 37 dB V in Input Voltage Required To Maintain Regulation 8 7.7 V ∆V O/∆T Average Temperature Coefficient of VO IO=5.0mA Tj=-55 to 125°C 0.18 mV/°C VGI Reverse Supply Protection Diode Forward Voltage IGI=500mA 2 V 4-306 |
Số phần tương tự - ZSAT600 |
|
Mô tả tương tự - ZSAT600 |