công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS12T3 bảng dữ liệu(PDF) 8 Page - ON Semiconductor |
|
SS12T3 bảng dữ liệu(HTML) 8 Page - ON Semiconductor |
8 / 20 page Page 8 Portable Solutions Low Standby Current Battery Management for Extended Battery Life FAULT VCC CFLG V2P8 EN VSNS BAT GND ISEL TIMER Vin 80 k RISEL 4.7 F Cin GND 15 nF CT Microprocessor 4.7 F Cout Vin 0.1 F C2p8 4.1 3.7 3.5 3.3 2.9 2.7 2.5 VSNS, BATTERY VOLTAGE (V) 0.2 0.48 0.32 0.24 9 . 3 1 . 3 0.28 0.44 0.36 0.40 VCC = 0 Typical Application Circuit Battery Drain Current versus Battery Voltage Battery Management Circuits Device Description Package Key Features NCP185 Up to 1 A Single-Cell Lithium-ion/Polymer Integrated CCCV Battery Charger DFN-10 No External MOSFET NCP185B Up to 00 mA Single-Cell Lithium-ion/Polymer Integrated CCCV Battery Charger DFN-10 No External MOSFET NCP1800 Single-Cell Lithium-ion CCCV Battery Charger Micro8™ Industry Leading Standby Current 0.5 μA, Adjustable Charge Current Limit MC0/ Nickel Chemistry Battery Cradle Charger SOIC-8 Peak Voltage Detection Battery Protection Circuits Device Overvoltage Protection MOSFET Package Ambient Operating Temperature (°C) UVLO (V) OVP (V) Logic Overide Vds (V) Rdson max (mW) @ 4.5 V Type Area (mm) Height (mm) NUS05 .8 6.85 Yes 0 71 DFN . x . 0.85 -0 to +85 NUS05 .8 6.85 Yes 0 66 DFN . x . 0.85 -0 to +85 NUS06 5.5 Yes 0 66 DFN . x . 0.85 -0 to +85 NUS10 .7 No 1 75 TDFN .0 x .0 0.85 -0 to +85 NUS055 .8 6.85 Yes 0 66 TLLGA .5 x .0 0.55 -0 to +85 NUS05 .5 Yes 0 66 TLLGA .5 x .0 0.55 -0 to +85 NCP5 .6 6.85 Yes NA NA SOT--5 .0 x .75 1.00 -0 to +85 NCP6 ., 5.5 Yes NA NA SOT--5 .0 x .75 1.00 -0 to +85 − + OUT IN Vref GND CNTRL + VCC Logic FET Driver Undervoltage Lock Out LOAD AC/DC Adapter or Accessory Charger C1 Schottky Diode Microprocessor port P−CH Typical OVP Device Diagram Integrated Overvoltage Protection for Battery and Charging Circuits |
Số phần tương tự - SS12T3 |
|
Mô tả tương tự - SS12T3 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |