công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS12T3 bảng dữ liệu(PDF) 6 Page - ON Semiconductor

tên linh kiện SS12T3
Giải thích chi tiết về linh kiện  High Efficiency DC-DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 bảng dữ liệu(HTML) 6 Page - ON Semiconductor

Back Button SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor SS12T3 Datasheet HTML 6Page - ON Semiconductor SS12T3 Datasheet HTML 7Page - ON Semiconductor SS12T3 Datasheet HTML 8Page - ON Semiconductor SS12T3 Datasheet HTML 9Page - ON Semiconductor SS12T3 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Page 6
Portable Solutions
Smaller, Thinner, Faster, Cooler & Safer Load Switch Elements
Thermal Image of
mCool™ NTLJS3113P
(Power FET)
Minimum Pad, I(load) =  A, Steady State
Power MOSFETs
Device
BVDSS
Polarity
Configuration
RDS(ON) 4.5 Vgs
Package
Dimensions
High Load Current > A
NTLTS107P
0 V
P
Single
< 16 m
W
Micro-8 LL
. x . mm
NTHS50
0 V
N
Single
< 0 m
W
ChipFET
 x  mm
NTLJS159N
0 V
N
Single
< 5 m
W
WDFN
 x  mm
Low to Medium Load Current < A
NTLJD11N
0 V
N
Dual
< 70 m
W
WDFN
. x . mm
NTZD151P
0 V
P
Single
< 150 m
W
SOT-56
1.6 x 1.6 mm
NTK1P
0 V
P
Single
< 
W
SOT-7
1. x 1. mm
Device
Description
Package
Dimensions
Integrated Load Switches
NTGD1100L
N-Channel Level Shift, 8 V P-Channel Switch < 80 m
W
TSOP-6
 x  mm
NTJD1155L
N-Channel Level Shift, 8 V P-Channel Switch < 175 m
W
SC-88
 x  mm
NTLJD105L
N-Channel Level Shift, 8 V P-Channel Switch < 50 m
W
WDFN
 x mm
Low VCE(sat) BJTs
Device
Description
Package
Dimensions
Low to Medium Load Current < A
NSS500CF8T1G
5 V,  A DC, 7 A Peak
ChipFET
 x  mm
NSS000CF8T1G
0 V,  A DC, 7 A Peak
ChipFET
 x  mm
NSS001MR6T1G
0 V, NPN,  A DC,  A Peak
TSOP-6
 x  mm
High Load Current > A
NSS0600CF8T1G
0 V, PNP, 6 A DC, 7 A Peak
ChipFET
 x  mm
NSS0601CF8T1G
0 V, NPN, 6 A DC, 7 A Peak
ChipFET
 x  mm
NSS1500UWTG
1 V, PNP, 5 A DC, 7 A Peak
WDFN-
 x  mm
Device
Description
Package
Dimensions
Integrated Load Switches
EMF5XV6T5
1 V, PNP with NPN BRT Driver
SOT-56
1.6 x 1.6 mm
Thermal Resistance Comparison of Different Packages
Test Conditions: FR, 1-in-, 1 oz Cu, Dual Die


Số phần tương tự - SS12T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
SS12T3 ONSEMI-SS12T3 Datasheet
63Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
SS12T3 ONSEMI-SS12T3 Datasheet
64Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
88Kb / 6P
   12 V, 8.0 A, Low VCE(sat) NPN Transistor
May, 2007 - Rev. 1
SS12T3 ONSEMI-SS12T3 Datasheet
58Kb / 4P
   Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
More results

Mô tả tương tự - SS12T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
   High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
   High-Efficiency DC-DC Converters
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
   High-Efficiency DC-DC Converters
TK2R9E10PL TOSHIBA-TK2R9E10PL Datasheet
716Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
CXE15 ARTESYN-CXE15 Datasheet
391Kb / 24P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R2E06PL TOSHIBA-TK3R2E06PL Datasheet
471Kb / 9P
   High-Efficiency DC-DC Converters
TK3R3A06PL TOSHIBA-TK3R3A06PL Datasheet
497Kb / 9P
   High-Efficiency DC-DC Converters
TK3R1E04PL TOSHIBA-TK3R1E04PL Datasheet
448Kb / 9P
   High-Efficiency DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com