công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST92F250JV1TB bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện ST92F250JV1TB
Giải thích chi tiết về linh kiện  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F250JV1TB bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  ST92F250JV1TB Datasheet HTML 1Page - STMicroelectronics ST92F250JV1TB Datasheet HTML 2Page - STMicroelectronics ST92F250JV1TB Datasheet HTML 3Page - STMicroelectronics ST92F250JV1TB Datasheet HTML 4Page - STMicroelectronics ST92F250JV1TB Datasheet HTML 5Page - STMicroelectronics ST92F250JV1TB Datasheet HTML 6Page - STMicroelectronics ST92F250JV1TB Datasheet HTML 7Page - STMicroelectronics ST92F250JV1TB Datasheet HTML 8Page - STMicroelectronics ST92F250JV1TB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 429 page
background image
5/429
ST92F124/F150/F250 - GENERAL DESCRIPTION
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST92F124/F150/F250 microcontroller is de-
veloped and manufactured by STMicroelectronics
using a proprietary n-well HCMOS process. Its
performance derives from the use of a flexible
256-register programming model for ultra-fast con-
text switching and real-time event response. The
intelligent on-chip peripherals offload the ST9 core
from I/O and data management processing tasks
allowing critical application tasks to get the maxi-
mum use of core resources. The new-generation
ST9 MCU devices now also support low power
consumption and low voltage operation for power-
efficient and low-cost embedded systems.
1.1.1 ST9+ Core
The advanced Core consists of the Central
Processing Unit (CPU), the Register File, the Inter-
rupt and DMA controller, and the Memory Man-
agement Unit. The MMU allows a single linear ad-
dress space of up to 4 Mbytes.
Four independent buses are controlled by the
Core: a 22-bit memory bus, an 8-bit register data
bus, an 8-bit register address bus and a 6-bit inter-
rupt/DMA bus which connects the interrupt and
DMA controllers in the on-chip peripherals with the
core.
This multiple bus architecture makes the ST9 fam-
ily devices highly efficient for accessing on and off-
chip memory and fast exchange of data with the
on-chip peripherals.
The general-purpose registers can be used as ac-
cumulators, index registers, or address pointers.
Adjacent register pairs make up 16-bit registers for
addressing or 16-bit processing. Although the ST9
has an 8-bit ALU, the chip handles 16-bit opera-
tions, including arithmetic, loads/stores, and mem-
ory/register and memory/memory exchanges.
The powerful I/O capabilities demanded by micro-
controller
applications
are
fulfilled
by
the
ST92F150/F124 with 48 (64-pin devices) or 77
(100-pin devices) I/O lines dedicated to digital In-
put/Output and with 80 I/O lines by the ST92F250.
These lines are grouped into up to ten 8-bit I/O
Ports and can be configured on a bit basis under
software control to provide timing, status signals,
an address/data bus for interfacing to the external
memory, timer inputs and outputs, analog inputs,
external interrupts and serial or parallel I/O. Two
memory spaces are available to support this wide
range of configurations: a combined Program/
Data Memory Space and the internal Register File,
which includes the control and status registers of
the on-chip peripherals.
1.1.2 External Memory Interface
100-pin devices have a 22-bit external address
bus allowing them to address up to 4M bytes of ex-
ternal memory.
1.1.3 On-chip Peripherals
Two 16-bit Multifunction Timers, each with an 8 bit
Prescaler and 12 operating modes allow simple
use for complex waveform generation and meas-
urement, PWM functions and many other system
timing functions by the usage of the two associat-
ed DMA channels for each timer.
Two Extended Function Timers provide further
timing and signal generation capabilities.
A Standard Timer can be used to generate a sta-
ble time base independent from the PLL.
An I2C interface (two in the ST92F250 device) pro-
vides fast I2C and Access Bus support.
The SPI is a synchronous serial interface for Mas-
ter and Slave device communication. It supports
single master and multimaster systems.
A J1850 Byte Level Protocol Decoder is available
(ST92F150JDV1 device only) for communicating
with a J1850 network.
The bxCAN (basic extended) interface (two in the
ST92F150JDV1 device) supports 2.0B Active pro-
tocol. It has 3 transmit mailboxes, 2 independent
receive FIFOs and 8 filters.
In addition, there is an 16 channel Analog to Digital
Converter with integral sample and hold, fast con-
version time and 10-bit resolution.
There is one Multiprotocol Serial Communications
Interface with an integral generator, asynchronous
and synchronous capability (fully programmable
format) and associated address/wake-up option,
plus two DMA channels.
On 100-pin devices, there is an additional asyn-
chronous Serial Communications interface with
13-bit LIN Synch Break generation capability.
Finally, a programmable PLL Clock Generator al-
lows the usage of standard 3 to 5 MHz crystals to
obtain a large range of internal frequencies up to
24 MHz. Low power Run (SLOW), Wait For Inter-
rupt, low power Wait For Interrupt, STOP and
HALT modes are also available.
9


Số phần tương tự - ST92F250JV1TB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST92F250JV1TB STMICROELECTRONICS-ST92F250JV1TB Datasheet
3Mb / 426P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
More results

Mô tả tương tự - ST92F250JV1TB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST92F124 STMICROELECTRONICS-ST92F124 Datasheet
3Mb / 426P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
ST92F120 STMICROELECTRONICS-ST92F120 Datasheet
1Mb / 320P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
ST92F120V9 STMICROELECTRONICS-ST92F120V9 Datasheet
3Mb / 324P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
September 2002 Rev. 2.6
logo
ATMEL Corporation
T89C51CC01 ATMEL-T89C51CC01 Datasheet
1Mb / 146P
   Enhanced 8-bit MCU with CAN controller and Flash
logo
STMicroelectronics
ST7FOXA0 STMICROELECTRONICS-ST7FOXA0 Datasheet
1Mb / 123P
   8-bit MCU with single voltage Flash memory
February 2008 Rev 3
logo
Holtek Semiconductor In...
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
STMicroelectronics
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
   16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
logo
Holtek Semiconductor In...
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
STMicroelectronics
ST7LITE49M STMICROELECTRONICS-ST7LITE49M Datasheet
1Mb / 188P
   8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I짼C interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com